Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA2050 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce TDA2050
Description  32 W hi-fi audio power amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050 Fiches technique(HTML) 4 Page - STMicroelectronics

  TDA2050_11 Datasheet HTML 1Page - STMicroelectronics TDA2050_11 Datasheet HTML 2Page - STMicroelectronics TDA2050_11 Datasheet HTML 3Page - STMicroelectronics TDA2050_11 Datasheet HTML 4Page - STMicroelectronics TDA2050_11 Datasheet HTML 5Page - STMicroelectronics TDA2050_11 Datasheet HTML 6Page - STMicroelectronics TDA2050_11 Datasheet HTML 7Page - STMicroelectronics TDA2050_11 Datasheet HTML 8Page - STMicroelectronics TDA2050_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Device overview
TDA2050
4/18
Doc ID 1461 Rev 3
Figure 4.
Split-supply typical application circuit
Figure 5.
PC board and component layout of split-supply typical application circuit
R3
R2
R1
C2
C4
C3
R4
C5
C6
C1
C7
+Vs
R L
-Vs
TDA2050
Vi


Numéro de pièce similaire - TDA2050_11

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
TDA2050 UTC-TDA2050_16 Datasheet
196Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
More results

Description similaire - TDA2050_11

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
   6 W hi-fi audio power amplifier
July 1994
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
   14 W hi-fi audio amplifier
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
   32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
   32W HI-FI AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com