Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXG1028ATN Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce CXG1028ATN
Description  GSM900/1800/1900 SPDT TX/RX Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1028ATN Fiches technique(HTML) 3 Page - Sony Corporation

  CXG1028ATN Datasheet HTML 1Page - Sony Corporation CXG1028ATN Datasheet HTML 2Page - Sony Corporation CXG1028ATN Datasheet HTML 3Page - Sony Corporation CXG1028ATN Datasheet HTML 4Page - Sony Corporation CXG1028ATN Datasheet HTML 5Page - Sony Corporation CXG1028ATN Datasheet HTML 6Page - Sony Corporation CXG1028ATN Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
– 3 –
CXG1028ATN
Compression Characteristics
Measurement Conditions: Vctl (L) = 0V, Ta = 25°C
0
–2
–4
–6
20
24
28
32
36
40
15
10
5
0
VCTL (H) = 5V
VCTL (H) = 4V
VCTL (H) = 3V
VCTL (H) = 3V
VCTL (H) = 4V
VCTL (H) = 5V
Input power (dBm)
Insertion loss, isolation vs. Input power
Insertion loss
Isolation
Frequency Characteristics
Measurement Conditions: Vctl (L) = 0V, Vctl (H) = 5V, Pin = 0dBm CW, Ta = 25°C
0
–3
–4
–5
–2
–1
–30
–20
–10
0
–40
–50
0
1
2
3
Insertion loss, isolation vs. Frequency
Frequency (GHz)
Isolation
Insertion loss


Numéro de pièce similaire - CXG1028ATN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1022 SONY-CXG1022 Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1022TM SONY-CXG1022TM Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1024N SONY-CXG1024N Datasheet
94Kb / 6P
   High-Frequency SPDT Antenna Switch
CXG1027TM SONY-CXG1027TM Datasheet
158Kb / 6P
   Driver Amplifier for Transmission
More results

Description similaire - CXG1028ATN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1017N SONY-CXG1017N Datasheet
100Kb / 7P
   GSM1800/1900 DPDT TX/RX Antenna Switch
logo
TDK Electronics
HHM1515B2 TDK-HHM1515B2 Datasheet
164Kb / 9P
   Multilayer Balun Transformers For GSM900 Tx Rx
HHM1776B3 TDK-HHM1776B3 Datasheet
86Kb / 9P
   Multilayer Balun Transformers For GSM900 Tx & Rx
logo
Skyworks Solutions Inc.
AP119-89 SKYWORKS-AP119-89 Datasheet
35Kb / 4P
   GaAs IC DCS 1800/1900 Power Amplifier
logo
Infineon Technologies A...
BGM704N7 INFINEON-BGM704N7 Datasheet
1Mb / 31P
   FM Radio LNA with Integrated RX/TX Switch
Revision 2.1, 2010-10-19
logo
Tyco Electronics
MLO81100-01850 MACOM-MLO81100-01850 Datasheet
33Kb / 2P
   Surface Mount Voltage Controlled Oscillator DCS 1800 - 1900 MHz
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A_18 Datasheet
569Kb / 11P
   TheStripe??850 / 900 / 1800 / 1900 MHz GSM PCB Antenna
logo
Skyworks Solutions Inc.
SKY13547-490LF SKYWORKS-SKY13547-490LF Datasheet
177Kb / 2P
   5 to 1800 MHz Ultra-High Linearity SPDT 75 Switch
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
   CT2-RX/TX IC
logo
Qorvo, Inc
QPQ1041Q QORVO-QPQ1041Q Datasheet
879Kb / 12P
   B41W Tx/Rx Filter
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com