Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXG1024N Fiches technique(PDF) 2 Page - Sony Corporation

No de pièce CXG1024N
Description  High-Frequency SPDT Antenna Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1024N Fiches technique(HTML) 2 Page - Sony Corporation

  CXG1024N Datasheet HTML 1Page - Sony Corporation CXG1024N Datasheet HTML 2Page - Sony Corporation CXG1024N Datasheet HTML 3Page - Sony Corporation CXG1024N Datasheet HTML 4Page - Sony Corporation CXG1024N Datasheet HTML 5Page - Sony Corporation CXG1024N Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
—2—
CXG1024N
Pin Configuration and Recommended Circuit
RF1
CTLC
VDD
RF2
GND
CTLB
RF3
GND
RF6
CTLD
GND
RF5
GND
CTLA
RF4
GND
100pF
1
100pF
100pF
100pF
100pF
100k
8
CTLB
CTLA
CTLD
CTLC
CTLA
CTLB
16
9
100pF
100pF
100PF
100pF
100pF
100k
100pF
Logic Table
ON-Port
RF3–RF2
RF3–RF4
RF5–RF2
RF5–RF4
RF5–RF6
RF5–RF1
CTLA
H
L
L
H
L
L
CTLB
L
H
H
L
L
L
CTLC
H or L
H or L
L
L
L
H
CTLD
H or L
H or L
L
L
H
L
Recommended Operating Conditions
Item
Control Voltage (high)
Control Voltage (low)
Difference of Control Voltage
Supply voltage
Symbol
Vctl (H)
Vctl (L)
Vctl (H)–Vctl (L)
VDD
Min.
–6
Vctl (H)–0.6
Typ.
Vctl (H)–0.5
Max.
6
6
Vctl (H)–0.4


Numéro de pièce similaire - CXG1024N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1022 SONY-CXG1022 Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1022TM SONY-CXG1022TM Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1027TM SONY-CXG1027TM Datasheet
158Kb / 6P
   Driver Amplifier for Transmission
CXG1028ATN SONY-CXG1028ATN Datasheet
81Kb / 7P
   GSM900/1800/1900 SPDT TX/RX Switch
More results

Description similaire - CXG1024N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1006N SONY-CXG1006N Datasheet
71Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1022TM SONY-CXG1022TM Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1016N SONY-CXG1016N Datasheet
80Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1060N SONY-CXG1060N Datasheet
94Kb / 6P
   High-Frequency SPDT Antenna Switch
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
logo
TriQuint Semiconductor
TQP4M4003 TRIQUINT-TQP4M4003 Datasheet
767Kb / 5P
   SPDT High Power 2.5V GSM Antenna Switch
logo
Will Semiconductor Ltd.
WS7802DE WILLSEMI-WS7802DE Datasheet
584Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
WS7802C WILLSEMI-WS7802C Datasheet
1,010Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
WS7802LR WILLSEMI-WS7802LR Datasheet
916Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
WS7802LS WILLSEMI-WS7802LS Datasheet
1Mb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com