Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXG1022TM Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce CXG1022TM
Description  High-Frequency SPDT Antenna Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1022TM Fiches technique(HTML) 4 Page - Sony Corporation

  CXG1022TM Datasheet HTML 1Page - Sony Corporation CXG1022TM Datasheet HTML 2Page - Sony Corporation CXG1022TM Datasheet HTML 3Page - Sony Corporation CXG1022TM Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
COPPER ALLOY
PACKAGE STRUCTURE
0.22
0.5
5
1.2MAX
∗2.8 ± 0.1
10
6
0.1 – 0.05
+ 0.15
0° to 10°
1
A
(0.2)
0.22 – 0.07
+ 0.08
DETAIL A
0.02g
TSSOP-10P-L01
10PIN TSSOP(PLASTIC)
0.1
0.1
M
NOTE: “
∗” Dimensions do not include mold protrusion.
0.25
Package Outline
Unit : mm
CXG1022TM
—4—


Numéro de pièce similaire - CXG1022TM

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1024N SONY-CXG1024N Datasheet
94Kb / 6P
   High-Frequency SPDT Antenna Switch
CXG1027TM SONY-CXG1027TM Datasheet
158Kb / 6P
   Driver Amplifier for Transmission
CXG1028ATN SONY-CXG1028ATN Datasheet
81Kb / 7P
   GSM900/1800/1900 SPDT TX/RX Switch
More results

Description similaire - CXG1022TM

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1006N SONY-CXG1006N Datasheet
71Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1016N SONY-CXG1016N Datasheet
80Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1024N SONY-CXG1024N Datasheet
94Kb / 6P
   High-Frequency SPDT Antenna Switch
CXG1060N SONY-CXG1060N Datasheet
94Kb / 6P
   High-Frequency SPDT Antenna Switch
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
logo
TriQuint Semiconductor
TQP4M4003 TRIQUINT-TQP4M4003 Datasheet
767Kb / 5P
   SPDT High Power 2.5V GSM Antenna Switch
logo
Will Semiconductor Ltd.
WS7802DE WILLSEMI-WS7802DE Datasheet
584Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
WS7802C WILLSEMI-WS7802C Datasheet
1,010Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
WS7802LR WILLSEMI-WS7802LR Datasheet
916Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
WS7802LS WILLSEMI-WS7802LS Datasheet
1Mb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com