Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXG1010N Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXG1010N
Description  Power Amplifier for PHS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1010N Fiches technique(HTML) 5 Page - Sony Corporation

  CXG1010N Datasheet HTML 1Page - Sony Corporation CXG1010N Datasheet HTML 2Page - Sony Corporation CXG1010N Datasheet HTML 3Page - Sony Corporation CXG1010N Datasheet HTML 4Page - Sony Corporation CXG1010N Datasheet HTML 5Page - Sony Corporation CXG1010N Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
—5—
CXG1010N
Example of Representative Characteristics (Ta=25 °C)
24
23
22
21
20
19
–50
–51
–52
–53
–54
–56
–55
–57
–58
–59
–60
234
5
2
VDD-Drain voltage (V)
POUT, ACP vs. VDD
Frequency=1.9 GHz, Vctl=2.0 V, PINVGG2 constant
(IDD=200mA@VDD=3.4V)
POUT
POUT=22dBm
@VDD=3.4V
POUT=22dBm
@VDD=3.4V
ACP
IDD-Current consumption (mA)
140 150 160 170 180 190 200 210 220 230 240 250 260
30
31
37
38
39
40
41
42
43
44
45
36
35
34
33
32
–48
–50
–49
–51
–52
–53
–54
–55
–56
–57
–58
–59
–60
–61
–62
–63
GAIN, ACP vs. IDD
Freq=1.9GHz, VDD=3.4V, Vctl=2.0V, POUT constant
POUT=22dBm
POUT=21.5dBm
GAIN
POUT=21.5dBm
POUT=22dBm
ACP
–40
–45
–50
–55
–60
–40
–35
–30
–25
–20
–15
5
7
9
11
13
15
17
19
21
23
25
PIN-Input power (dBm)
ACP
POUT
Input/output characteristics (POUT/ACP)
VDD=3.4V, Vctl=2.0V,IDD=200mA@POUT=21.5dBm
21.5dBm
POUT=21.5dBm
@VDD=3.4V
POUT=21.5dBm
@VDD=3.4V


Numéro de pièce similaire - CXG1010N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1014N SONY-CXG1014N Datasheet
184Kb / 6P
   1.5 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
   Power Amplifier/Antenna Switch for PHS
CXG1016N SONY-CXG1016N Datasheet
80Kb / 4P
   High-Frequency SPDT Antenna Switch
More results

Description similaire - CXG1010N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1030N SONY-CXG1030N Datasheet
141Kb / 5P
   Power Amplifier for PHS
logo
M/A-COM Technology Solu...
MAAP-000082 MA-COM-MAAP-000082_15 Datasheet
224Kb / 6P
   PHS Power Amplifier
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
   PHS Power Amplifier
logo
Sony Corporation
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
   Power Amplifier/Antenna Switch for PHS
logo
M/A-COM Technology Solu...
MAAP-000082 MA-COM-MAAP-000082 Datasheet
224Kb / 6P
   PHS Power Amplifier 1880 - 1930 MHz
logo
Sony Corporation
CXG1053FN SONY-CXG1053FN Datasheet
133Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
logo
Transcom, Inc.
TA018-019-51-46 TRANSCOM-TA018-019-51-46 Datasheet
34Kb / 1P
   PHS Band 16 Watt Amplifier
TA018-019-48-43 TRANSCOM-TA018-019-48-43 Datasheet
34Kb / 1P
   PHS Band 8 Watt Amplifier
logo
Sony Corporation
CXG7003FN SONY-CXG7003FN Datasheet
122Kb / 9P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com