Moteur de recherche de fiches techniques de composants électroniques |
|
CXD3029R Fiches technique(PDF) 95 Page - Sony Corporation |
|
CXD3029R Fiches technique(HTML) 95 Page - Sony Corporation |
95 / 201 page – 95 – CXD3029R [2] Subcode Interface There are two methods for reading out a subcode externally. The 8-bit subcodes P to W can be read out from SBSO by inputting EXCK. The subcode-Q can be read out after checking CRC of the 80 bits in the subcode frame. The subcode-Q can be read out from the SQSO pin by inputting 80 clock pulses to the SQCK pin when SCOR comes correctly and CRCF is high. §2-1. P to W Subcode Readout Data can be read out by inputting EXCK immediately after WFCK falls. (See Timing Chart 2-1.) §2-2. 80-bit Subcode-Q Readout Fig. 2-2 shows the peripheral block of the 80-bit subcode-Q register. • First, subcode-Q, regenerated at one bit per frame, is input to the 80-bit serial/parallel register and the CRC check circuit. • 96-bit subcode-Q is input, and if the CRC is OK, it is output to SQSO with CRCF = 1. In addition, 80 bits are loaded into the parallel/serial register. When SQSO goes high after SCOR is output, the CPU determines that new data (which passed the CRC check) has been loaded. • When the 80-bit data is loaded, the order of the MSB and LSB is inverted within each byte. As a result, although the sequence of the bytes is the same, the bits within the bytes are now ordered LSB first. • Once the 80-bit data load is confirmed, SQCK is input so that the data can be read. The SQCK input is detected, and the retriggerable monostable multivibrator is reset while the input is low. • The retriggerable monostable multivibrator has a time constant from 270 to 400µs. When the duration when SQCK is high is less than this time constant, the monostable multivibrator is kept reset; during this interval, the serial/parallel register is not loaded into the parallel/serial register. • While the monostable multivibrator is being reset, data cannot be loaded in the peak detection parallel/serial register or the 80-bit parallel/serial register. In other words, while reading out with a clock cycle shorter than this time constant, these registers will not be rewritten by CRCOK and others. • The previously mentioned peak detection register can be connected to the shift-in of the 80-bit parallel/serial register. For ring control 1, input and output are shorted during peak meter and level meter modes. For ring control 2, input and output are shorted during peak meter mode. This is because the register is reset with each readout in level meter mode, and to prevent readout destruction in peak meter mode. As a result, the 96-bit clock must be input in peak meter mode. • The absolute time after peak is stored in the memory in peak meter mode as noted in "Description of peak meter mode" on page 95. See Timing Chart 2-3. • The clock is input from the SQCK pin to perform these operations. The high and low intervals of the clock should be between 750ns and 120µs. |
Numéro de pièce similaire - CXD3029R |
|
Description similaire - CXD3029R |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |