Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD3029R Fiches technique(PDF) 66 Page - Sony Corporation

No de pièce CXD3029R
Description  CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
Download  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3029R Fiches technique(HTML) 66 Page - Sony Corporation

Back Button CXD3029R Datasheet HTML 62Page - Sony Corporation CXD3029R Datasheet HTML 63Page - Sony Corporation CXD3029R Datasheet HTML 64Page - Sony Corporation CXD3029R Datasheet HTML 65Page - Sony Corporation CXD3029R Datasheet HTML 66Page - Sony Corporation CXD3029R Datasheet HTML 67Page - Sony Corporation CXD3029R Datasheet HTML 68Page - Sony Corporation CXD3029R Datasheet HTML 69Page - Sony Corporation CXD3029R Datasheet HTML 70Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 201 page
background image
– 66 –
CXD3029R
$A9E commands (preset: $A9E00000)
Data 1
D3
1
D2
0
D1
0
D0
1
D3
1
D2
1
D1
1
D0
0
D3
1
D2
DRWR
D1
DRADR
D0
0
D3
DRD15
D2
DRD14
D1
DRD13
D0
DRD12
A9E
(DRAM I/F)
Data 2
Data 3
Data 4
Command
D3
DRD11
D2
DRD10
D1
DRD9
D0
DRD8
D3
DRD7
D2
DRD6
D1
DRD5
D0
DRD4
D3
DRD3
D2
DRD2
D1
DRD1
D0
DRD0
Data 5
Data 6
Data 7
DRWR:
This bit sets write/read for access from the microcomputer to the DRAM.
When "0", the read from DRAM mode is set. (default)
When "1", the write to DRAM mode is set.
DRADR:
This bit sets the address control method for access from the microcomputer to the DRAM.
When "0", relative address control is set. (default)
When "1", absolute address control is set.
DRD15 to DRD0: These bits set the data to be written to the DRAM for access from the microcomputer to the
DRAM.
$A9F commands (preset: $A9F00000)
Data 1
D3
1
D2
0
D1
0
D0
1
D3
1
D2
1
D1
1
D0
1
D3
DADR19
D2
DADR18
D1
DADR17
D0
DADR16
D3
DADR15
D2
DADR14
D1
DADR13
D0
DADR12
A9F
(DRAM I/F)
Data 2
Data 3
Data 4
Command
D3
DADR11
D2
DADR10
D1
DADR9
D0
DADR8
D3
DADR7
D2
DADR6
D1
DADR5
D0
DADR4
D3
DADR3
D2
DADR2
D1
DADR1
D0
DADR0
Data 5
Data 6
Data 7
DADR19 to DADR0:
These bits set the DRAM address for access from the microcomputer to the DRAM.


Numéro de pièce similaire - CXD3029R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD3021 SONY-CXD3021 Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
logo
List of Unclassifed Man...
CXD3027 ETC-CXD3027 Datasheet
55Kb / 2P
   CD Audio Digital Signal-Processing LSI Device with On-Chip Digital Servo System Allows Listening without Sound Skipping
logo
Sony Corporation
CXD3027R SONY-CXD3027R Datasheet
1Mb / 191P
   CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
logo
List of Unclassifed Man...
CXD3027R-1 ETC-CXD3027R-1 Datasheet
55Kb / 2P
   CD Audio Digital Signal-Processing LSI Device with On-Chip Digital Servo System Allows Listening without Sound Skipping
More results

Description similaire - CXD3029R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD3048R SONY-CXD3048R Datasheet
1Mb / 205P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3027R SONY-CXD3027R Datasheet
1Mb / 191P
   CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
CXD3059AR SONY-CXD3059AR Datasheet
337Kb / 27P
   CD Digital Signal Processor with Built-in RF Amplifier and Digital Servo Digital High & Bass Boost
CXD3057R SONY-CXD3057R Datasheet
342Kb / 27P
   CD Digital Signal Processor with Built - in RF Amplifier and Digital Servo, Digital High - Bass Boost
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com