Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD3027R Fiches technique(PDF) 40 Page - Sony Corporation

No de pièce CXD3027R
Description  CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3027R Fiches technique(HTML) 40 Page - Sony Corporation

Back Button CXD3027R Datasheet HTML 36Page - Sony Corporation CXD3027R Datasheet HTML 37Page - Sony Corporation CXD3027R Datasheet HTML 38Page - Sony Corporation CXD3027R Datasheet HTML 39Page - Sony Corporation CXD3027R Datasheet HTML 40Page - Sony Corporation CXD3027R Datasheet HTML 41Page - Sony Corporation CXD3027R Datasheet HTML 42Page - Sony Corporation CXD3027R Datasheet HTML 43Page - Sony Corporation CXD3027R Datasheet HTML 44Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 191 page
background image
– 40 –
CXD3027R
§1-5. Description of Commands
The meaning of the data for each address on the XLAT pin side is explained below.
$4X commands
Register name
4
Data 1
Command
Data 2
MAX timer value
Data 3
Timer range
AS3
AS2
AS1
AS0
MT3
MT2
MT1
MT0
LSSL
0
0
0
Command
Cancel
Fine Search
Focus-On
1 Track Jump
10 Track Jump
2N Track Jump
M Track Move
0
0
0
1
1
1
1
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
RXF
1
RXF
RXF
RXF
RXF
AS3
AS2
AS1
AS0
RXF = 0
Forward
RXF = 1
Reverse
• When the Focus-on command ($47) is canceled, $02 is sent and the auto sequence is interrupted.
• When the Track jump commands ($44, $45 and $48 to $4D) are canceled, $25 is sent and the auto sequence is
interrupted.
• To disable the MAX timer, set the MAX timer value to 0.
$5X commands
MAX timer value
MT3
23.2ms
1.49s
11.6ms
0.74s
5.8ms
0.37s
2.9ms
0.18s
0
1
0
0
0
0
0
0
MT2
MT1
MT0
LSSL
0
0
0
Timer range
Timer
TR3
TR2
TR1
TR0
Blind (A, E), Overflow (C, G)
Brake (B)
0.18ms
0.36ms
0.09ms
0.18ms
0.045ms
0.09ms
0.022ms
0.045ms


Numéro de pièce similaire - CXD3027R

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CXD3027R-1 ETC-CXD3027R-1 Datasheet
55Kb / 2P
   CD Audio Digital Signal-Processing LSI Device with On-Chip Digital Servo System Allows Listening without Sound Skipping
More results

Description similaire - CXD3027R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD3048R SONY-CXD3048R Datasheet
1Mb / 205P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3029R SONY-CXD3029R Datasheet
2Mb / 201P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3059AR SONY-CXD3059AR Datasheet
337Kb / 27P
   CD Digital Signal Processor with Built-in RF Amplifier and Digital Servo Digital High & Bass Boost
CXD3057R SONY-CXD3057R Datasheet
342Kb / 27P
   CD Digital Signal Processor with Built - in RF Amplifier and Digital Servo, Digital High - Bass Boost
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com