Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS9008NCX Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS9008NCX
Description  300mA High PSRR Low Noise CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9008NCX Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9008NCX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9008NCX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9008NCX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9008NCX Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9008NCX Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9008NCX Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9008NCX Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS9008NCX Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS9008NCX Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS9008
300mA High PSRR Low Noise CMOS LDO
1/9
Version: D12
SOT-25
SOT-23
General Description
The TS9008 is a low dropout, high PSRR, low noise linear regulator with very low quiescent. It can supply
300mA output current with low dropout about 250mV. The Device includes pass element, error amplifier, band-
gap, current-limit and thermal shutdown circuitry. The characteristics of low dropout voltage and less quiescent
current make it good for some critical current application, for example, some battery powered devices. The
typical quiescent current is approximately 30µA. In the shutdown mode, the maximum supply current is less
than 1uA. Built-in current-limit and thermal-shutdown functions prevent any fault condition from IC damage
Features
Input voltage range 2.8V~5.5V
250mV dropout at 300mA load
300mA output Current
Low quiescent current 30
µA (Typ.)
Max. supply current <1
µA at shutdown mode
Fixed output voltage
Current limit and thermal shutdown protection
High PSRR 73db @ 1kHz
Ordering Information
Note: “G” denote for Halogen Free Product
Where x denotes voltage option, available are
1= 1.2V,
A= 1.5V,
D= 1.8V
K= 2.5V
N= 2.8V
P= 3.0V
S= 3.3V
Part No.
Package
Packing
TS9008xCX RFG
SOT-23
3Kpcs / 7” Reel
TS9008xCX5 RFG
SOT-25
3Kpcs / 7” Reel
Applications
Palmtops, PDA and Notebook Computers
DSC, Handset Camera Modules
PCMCIA Cards, PC Cameras
USB Based Portable Devices (MPS, PMP)
GSM/GPRS/3G RF Transceiver Modules
Block Diagram
Current
Limit
- +
VIN
VOUT
GND
Error
Amp
Bandgap
Thermal
Shutdown
Enable
BP
EN
Typical Application Circuit
Pin Definition:
1. Input
2. Ground
3. Enable
4. Bypass
5. Output
TS9008
Pin Definition:
1. Input
2. Output
3. Ground


Numéro de pièce similaire - TS9008NCX

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9008NCX5 TSC-TS9008NCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results

Description similaire - TS9008NCX

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008DCX TSC-TS9008DCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008NCX5 TSC-TS9008NCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008KCX TSC-TS9008KCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008KCX5 TSC-TS9008KCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com