Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XX1188 Fiches technique(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

No de pièce XX1188
Description  The XX1188 power-management IC (PMIC) is an complete
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BELLING [SHANGHAI BELLING CO., LTD.]
Site Internet  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

XX1188 Fiches technique(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  XX1188 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. XX1188 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. XX1188 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. XX1188 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. XX1188 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. XX1188 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1
V1.1
XX1188
10-Channel Power Management
Units for 3G Applications
DESCRIPTION
The XX1188 power-management IC (PMIC) is an complete,
efficient, compact devices suitable for 3G cellular
applications such as wireless data cards, handsets and
PDAs,. It integrates a 2MHz synchronous buck regulator,
nine low-dropout linear regulators (LDOs), a RESET
generator, and an 32KHZ crystal driver and buffer.
XX1188 is housed in a thin QFN4x4-28pin package.
APPLICATIONS
3G wireless Cards
3G phones
FEATURES
Buck converter for MSMC,1.2V/500mA
LDO1 for MSME, 1.8V/300mA
LDO2 for MSMP, 2.6V/300mA
LDO3 for MEMA, 2.6V/300mA
LDO4 for TCXO, 2.85V/50mA
LDO5 for RFTX, 2.1V/300mA
LDO6 for RFRX, 2.7V/150mA
LDO7 for USB, 3.3V/50mA
LDO8 for URIM, 3.0v/1.8v, 50mA
LDO9 for MMC, 3.0V/150mA
Independent ON/OFF control for LDO4,5,6,7,8,9
RESET generator
Inverter for 32Mhz crystal oscillator
QFN4x4-28L package
PIN CONFIGURATION
TYPICAL APPLICATION
+
-
LDO1
+
-
LDO2
+
-
LDO5
+
-
LDO6
+
-
LDO8
+
-
LDO3
+
-
LDO4
+
-
LDO9
+
-
LDO7
UVLO &
Thermal
shutdown
REF
RESET
600mA
DC-DC
Crystal
Interver
PWR_ON
IN2
OUT1
OUT2
OUT5
OUT6
EN56
OUT8
CLK_OUT
LX
FB
EN7
OUT7
EN9
LDO9
OUT4
OUT3
IN1
IN2
nRESET
EN4
EN8


Numéro de pièce similaire - XX1188

FabricantNo de pièceFiches techniqueDescription
logo
Mimix Broadband
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD MIMIX-XX1000-BD Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD MIMIX-XX1000-BD Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
logo
M/A-COM Technology Solu...
XX1000-BD MA-COM-XX1000-BD Datasheet
798Kb / 8P
   Active Doubler
logo
Mimix Broadband
XX1000-BD-000V MIMIX-XX1000-BD-000V Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
More results

Description similaire - XX1188

FabricantNo de pièceFiches techniqueDescription
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Freescale Semiconductor...
MC13892JVLR2 FREESCALE-MC13892JVLR2 Datasheet
260Kb / 2P
   Power Management Integrated Circuit (PMIC) for the i.MX35/51
logo
Nordic Semiconductor
NPM1100 NORDIC-NPM1100 Datasheet
1Mb / 2P
   Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
logo
Texas Instruments
TPS6521825 TI1-TPS6521825 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
TPS6521855 TI-TPS6521855 Datasheet
2Mb / 94P
[Old version datasheet]   TPS6521855 Power Management IC (PMIC) for AM64x Arm짰Cortex짰-A53 Processors
logo
ON Semiconductor
NCV97400 ONSEMI-NCV97400 Datasheet
791Kb / 28P
   Automotive Multi-Output Power Management IC (PMIC) for Safety Applications
March, 2019 ??Rev. 0
logo
Texas Instruments
TPS6521825 TI1-TPS6521825_V01 Datasheet
1Mb / 109P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
logo
STMicroelectronics
UM0313 STMICROELECTRONICS-UM0313 Datasheet
1Mb / 33P
   The EK302DL is an evaluation kit designed to provide the user with a complete
logo
Maxim Integrated Produc...
MAX8672 MAXIM-MAX8672 Datasheet
258Kb / 17P
   Complete Backup Management IC for NiMH Batteries
Rev 0; 11/06
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com