Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM8LC15 Fiches technique(PDF) 6 Page - Protek Devices

No de pièce SM8LC15
Description  800 WATT MULTI-LINE TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM8LC15 Fiches technique(HTML) 6 Page - Protek Devices

  SM8LC15 Datasheet HTML 1Page - Protek Devices SM8LC15 Datasheet HTML 2Page - Protek Devices SM8LC15 Datasheet HTML 3Page - Protek Devices SM8LC15 Datasheet HTML 4Page - Protek Devices SM8LC15 Datasheet HTML 5Page - Protek Devices SM8LC15 Datasheet HTML 6Page - Protek Devices SM8LC15 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05019.R8 10/12
Page 6
SM8LC05 - SM8LC24
TAPE AND REEL
User Direction of Feed
t
K0
A0
P
D
P0
P2
E
B0
F
W
10 Pitches Cumulative
Tolerance on tape ± 0.2
SPECIFICATIoNS
REEL DIA.
TAPE
WIDTh
A0
B0
k0
D
E
F
W
P0
P2
P
tmax
178mm (7”)
12mm 6.50 ± 0.10 5.40 ± 0.10 2.00 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 5.50 ± 0.05 12.00 ± 0.30 4.00 ± 0.12 2.00 ± 0.10 4.00 ± 0.10
0.25
NoTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 1,000 pieces per 12mm tape.
4. Suffix - T13 = 13” Reel - 2,500 pieces per 12mm tape.
5. Bulk product shipped in tubes of 98 pieces per tube.
6. Marking on Part - marking code (see page 2), date code, logo and pin one defined by dot on top of package.
Package outline, pad layout and tape specifications per document number 06009.R3 9/10.
oRDERING INFoRMATIoN
BASE PART NUMBER
(xx = Voltage)
LEADFREE SUFFIX
TAPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
SM8LCxx
-LF
-T7
1,000
7”
98
SM8LCxx
-LF
-T13
2,500
13”
98
This device is only available in a Lead-Free configuration.


Numéro de pièce similaire - SM8LC15

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SM8LC15 MCC-SM8LC15 Datasheet
129Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SM8LC15 MICROSEMI-SM8LC15 Datasheet
91Kb / 2P
   TVSarray Series
logo
Protek Devices
SM8LC15 PROTEC-SM8LC15 Datasheet
99Kb / 4P
   LOW CAPACITANCE TVS ARRAY
SM8LC15 PROTEC-SM8LC15 Datasheet
600Kb / 7P
   800 WATT MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SM8LC15 LEIDITECH-SM8LC15 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results

Description similaire - SM8LC15

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
SMDB05C-LFT7 PROTEC-SMDB05C-LFT7 Datasheet
515Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_12 Datasheet
519Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SM8LC05 PROTEC-SM8LC05_11 Datasheet
600Kb / 7P
   800 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_11 Datasheet
517Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SMDB05 PROTEC-SMDB05_12 Datasheet
515Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SMDB05 PROTEC-SMDB05_11 Datasheet
513Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
PSMDA05-18 PROTEC-PSMDA05-18_11 Datasheet
520Kb / 6P
   200 WATT MULTI-LINE TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_12 Datasheet
506Kb / 6P
   350 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com