Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD2302 Fiches technique(PDF) 2 Page - Sony Corporation

No de pièce CXD2302
Description  8-bit 50MSPS Video A/D Converter with Clamp Function
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2302 Fiches technique(HTML) 2 Page - Sony Corporation

  CXD2302 Datasheet HTML 1Page - Sony Corporation CXD2302 Datasheet HTML 2Page - Sony Corporation CXD2302 Datasheet HTML 3Page - Sony Corporation CXD2302 Datasheet HTML 4Page - Sony Corporation CXD2302 Datasheet HTML 5Page - Sony Corporation CXD2302 Datasheet HTML 6Page - Sony Corporation CXD2302 Datasheet HTML 7Page - Sony Corporation CXD2302 Datasheet HTML 8Page - Sony Corporation CXD2302 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
– 2 –
CXD2302Q
Block Diagram
13
14
28
31
32
Lower
sampling comparator
(4 BIT)
Lower
sampling comparator
(4 BIT)
Upper
sampling comparator
(4 BIT)
Lower encoder
(4 BIT)
Lower encoder
(4 BIT)
Upper encoder
(4 BIT)
Lower
data
latch
Upper
data
latch
Clock generator
9
10
11
2
3
4
5
6
7
8
12
1
16
17
18
19
20
21
22
23
24
25
Reference supply
15
26
27
29
30
VRBS
VRB
AVss
AVss
VIN
AVDD
AVDD
VRT
VRTS
AVDD
OE
DVss
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7 (MSB)
TEST (OPEN)
NC
DVss
CLE
CCP
VREF
CLP
NC
NC
D-FF
DVDD
TEST (OPEN)
CLK


Numéro de pièce similaire - CXD2302

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD2300Q SONY-CXD2300Q Datasheet
202Kb / 14P
   8-bit 18MSPS Video A/D Converter with 3.3V Power Supply Operation Function
CXD2301Q SONY-CXD2301Q Datasheet
473Kb / 23P
   8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp
CXD2303AQ SONY-CXD2303AQ Datasheet
501Kb / 37P
   8-bit 3-channel 50 MSPS Video A/D Converter with clamp function
CXD2304 SONY-CXD2304 Datasheet
249Kb / 15P
   8-bit 20 MSPS RGB 3-Channel D/A Converter
CXD2304R SONY-CXD2304R Datasheet
249Kb / 15P
   8-bit 20 MSPS RGB 3-Channel D/A Converter
More results

Description similaire - CXD2302

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
   8-Bit, 50MSPS, Video A/D Converter with Clamp Function
logo
Sony Corporation
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
CXD1179Q SONY-CXD1179Q Datasheet
202Kb / 14P
   8-bit 35MSPS Video A/D Converter with Clamp Function
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
logo
Intersil Corporation
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
logo
Fairchild Semiconductor
TMC1103 FAIRCHILD-TMC1103 Datasheet
86Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Cadeka Microcircuits LL...
TMC1103 CADEKA-TMC1103 Datasheet
187Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Intersil Corporation
HI2303 INTERSIL-HI2303 Datasheet
162Kb / 18P
   Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
logo
Sony Corporation
CXD2303AQ SONY-CXD2303AQ Datasheet
501Kb / 37P
   8-bit 3-channel 50 MSPS Video A/D Converter with clamp function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com