Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD2085M Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce CXD2085M
Description  ID-1 Detection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2085M Fiches technique(HTML) 3 Page - Sony Corporation

  CXD2085M Datasheet HTML 1Page - Sony Corporation CXD2085M Datasheet HTML 2Page - Sony Corporation CXD2085M Datasheet HTML 3Page - Sony Corporation CXD2085M Datasheet HTML 4Page - Sony Corporation CXD2085M Datasheet HTML 5Page - Sony Corporation CXD2085M Datasheet HTML 6Page - Sony Corporation CXD2085M Datasheet HTML 7Page - Sony Corporation CXD2085M Datasheet HTML 8Page - Sony Corporation CXD2085M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
– 3 –
CXD2085M
Electrical Characteristics
DC Characteristics (Logic section)
(VDD = 5.0V ± 5%, VSS = 0V, Ta = 25°C)
Item
Output voltage
VOH
VOL
VOH
VOL
VOL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
Vhys
Ii
IOZ
Ii
Ii
Rfbk
IDD
IOH = –2mA
IOL = 4mA
IOH = –3mA
IOL = 3mA
IOL = 3mA
VIN = Vss or VDD
VIN = Vss or VDD
VIN = VSS
VIN = VDD
XI (Pin 13) = Vss or VDD
Clock frequency: 14.318MHz
VDD – 0.8
VDD/2
2.0
2.2
0.7
× VDD
0.8
× VDD
–10
–40
–40
40
250k
0.6
0.4
–100
100
1M
9
0.4
VDD/2
0.4
0.8
0.8
0.3
× VDD
0.2
× VDD
+10
+40
–240
240
2.5M
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
mA
Pins 15, 16
Pin 12
Pin 10
Pins 15, 16
Pins 1, 2
Pins 3, 13
Pins 9, 10
Pins 9, 10
Pin 1
Pins 3, 9
Pins 10, 15, 16
Pin 1
Pin 2
Between Pins 12 and 13
Sum of Pins 5 and 11
Output voltage
Output voltage
Input voltage
Input voltage
Input voltage
Input voltage
Input hysteresis
width
Input leak current
Output leak current
Input current
Input current
Feedback resistance
Current consumption
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
AC Characteristics
(VDD = 5.0V ± 5%, VSS = 0V, Ta = 25°C)
Item
Symbol
Conditions
Min.
Typ.
Max. Unit
Remarks
Clock frequency
fxi
14.318
MHz
Pin 13 input, or
oscillator between
Pins 12 and 13
I/O Pin Capacitance
Item
Symbol
Conditions
Min.
Typ.
Max. Unit
Remarks
Input pin capacitance
Output pin capacitance
I/O pin capacitance
CIN
COUT
CI/O
VDD = VI = 0V, f = 1MHz
VDD = VI = 0V, f = 1MHz
VDD = VI = 0V, f = 1MHz
9
11
11
pF
pF
pF


Numéro de pièce similaire - CXD2085M

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD2027Q SONY-CXD2027Q Datasheet
465Kb / 32P
   DBS Audio Signal Processor
CXD2027R SONY-CXD2027R Datasheet
465Kb / 32P
   DBS Audio Signal Processor
CXD2043 SONY-CXD2043 Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
More results

Description similaire - CXD2085M

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD2053AM SONY-CXD2053AM Datasheet
196Kb / 14P
   Auto Wide, EDTV-II ID Detection, ID-1 Detection
logo
Maxim Integrated Produc...
MAX20330AEVKIT MAXIM-MAX20330AEVKIT Datasheet
766Kb / 9P
   USB or 3.5mm Jack ID Detection
Rev 1; 2/19
logo
SparkFun Electronics
ROB-12130 SPARKFUN-ROB-12130 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (3.5 ID)
2/10/2016
ROB-12458 SPARKFUN-ROB-12458 Datasheet
92Kb / 1P
   Smooth Belt - 1/8D (11 ID)
2/10/2016
ROB-12420 SPARKFUN-ROB-12420 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (6.5 ID)
2/10/2016
ROB-12235 SPARKFUN-ROB-12235 Datasheet
98Kb / 1P
   Smooth Belt - 1/8D (5.5 ID)
2/10/2016
ROB-12202 SPARKFUN-ROB-12202 Datasheet
94Kb / 1P
   Smooth Belt - 1/8D (7.5 ID)
2/10/2016
ROB-12526 SPARKFUN-ROB-12526 Datasheet
96Kb / 2P
   Smooth Belt - 1/8D (13 ID)
2/10/2016
ROB-12370 SPARKFUN-ROB-12370 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (2.5 ID)
2/10/2016
ROB-12446 SPARKFUN-ROB-12446 Datasheet
90Kb / 1P
   Smooth Belt - 1/8D (12 ID)
2/10/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com