Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD1915R Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce CXD1915R
Description  Digital Video Encoder
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1915R Fiches technique(HTML) 3 Page - Sony Corporation

  CXD1915R Datasheet HTML 1Page - Sony Corporation CXD1915R Datasheet HTML 2Page - Sony Corporation CXD1915R Datasheet HTML 3Page - Sony Corporation CXD1915R Datasheet HTML 4Page - Sony Corporation CXD1915R Datasheet HTML 5Page - Sony Corporation CXD1915R Datasheet HTML 6Page - Sony Corporation CXD1915R Datasheet HTML 7Page - Sony Corporation CXD1915R Datasheet HTML 8Page - Sony Corporation CXD1915R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
– 3 –
CXD1915R
Pin Description
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
F1
XVRST
XIICEN
XCS/SA
SI/SDA
SO
VSS1
SCK/SCL
VSS2
SYSCLK
VSS3
XRST
VSS4
PDCLK
VDD1
FID
I
I
I
I
I/O
O
I
I
I
O
I/O
Symbol
I/O
Description
Field ID input.
This signal indicates the field ID when resetting the vertical sync.
High indicates 1st field.
Low indicates 2nd field.
Vertical sync reset input in active Low. This pin is pulled up. This is used for
synchronizing the phases of the external and internal vertical sync signals. When
XVRST = Low, the internal digital sync generator is reset according to the F1 status.
Serial interface mode select input. This pin is pulled up.
When XIICEN = Low, Pins 4, 5, 6 and 8 are I2C bus mode.
When XIICEN = High, Pins 4, 5, 6 and 8 are Sony SIO mode.
This pin's function is selected by XIICEN (Pin 3). This pin is pulled up.
When XIICEN = High, this pin is Sony SIO mode; XCS chip select input.
When XIICEN = Low, this pin is I2C bus mode; SA slave address select input
signal which selects the I2C bus slave address.
This pin's function is selected by XIICEN (Pin 3).
When XIICEN = High, this pin is Sony SIO mode; SI serial data input.
When XIICEN = Low, this pin is I2C bus mode; SDA input/output.
This pin's function is selected by XIICEN (Pin 3).
When XIICEN = High, this pin is Sony SIO mode; SO serial output.
When XIICEN = Low, this pin is not used and output is high impedance.
Digital ground.
This pin's function is selected by XIICEN (Pin 3).
When XIICEN = High, this pin is Sony SIO mode; SCK serial clock input.
When XIICEN = Low, this pin is I2C bus mode; SCL input.
Digital ground.
System clock input.
To generate the correct subcarrier frequency, precise 27MHz is required.
Digital ground.
System reset input in active Low.
Set to Low for 40 clocks (SYSCLK) or more during power-on reset.
Digital ground.
Pixel data clock signal output for 13.5MHz.
A 13.5MHz signal frequency divided from the system clock (SYSCLK) is output
and used as the clock signal when 16-bit pixel data is input.
Digital power supply.
Field ID input/output.
When SYNCM (Pin 72) = High, the CXD1915R is set to master mode and outputs
as follows.
When control register bit "FIDS" = "1":
Low indicates 1st field and High indicates 2nd field.
When control register bit "FIDS" = "0":
High indicates 1st field and Low indicates 2nd field.
When SYNCM (Pin 72) = Low, the CXD1915R is set to slave mode and this pin
becomes the field ID input.


Numéro de pièce similaire - CXD1915R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
   Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
More results

Description similaire - CXD1915R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com