Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD1812R Fiches technique(PDF) 8 Page - Sony Corporation

No de pièce CXD1812R
Description  ATAPI I/F CD-ROM DECODER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1812R Fiches technique(HTML) 8 Page - Sony Corporation

Back Button CXD1812R Datasheet HTML 4Page - Sony Corporation CXD1812R Datasheet HTML 5Page - Sony Corporation CXD1812R Datasheet HTML 6Page - Sony Corporation CXD1812R Datasheet HTML 7Page - Sony Corporation CXD1812R Datasheet HTML 8Page - Sony Corporation CXD1812R Datasheet HTML 9Page - Sony Corporation CXD1812R Datasheet HTML 10Page - Sony Corporation CXD1812R Datasheet HTML 11Page - Sony Corporation CXD1812R Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
– 8 –
CXD1812Q/R
1-1. Categories of input pins
(1)
TTL input level pin:
D0 to D7, MDB0 to MDB7, HDB0 to HDBF, DASP, XPDI
(2)
CMOS input level pin:
MDAT, LRCK, SBIN, SCOR, WFCK, C2PO
(3)
TTL Schmitt input level pin:
XCS, XWR, XRD, A0 to A5, HA0 to HA2, XHAC, XHRD, XHWR, HCS0 to HCS1, HRST
(4)
CMOS Schmitt input level pin:
BCLK, XRST
(5)
Input pin with pull-up resistor:
D0 to D7, MDB0 to MDB7, HCS0 to HCS1, HRST
1-2. Categories of output pins
(6)
Normal output pin:
D0 to D7, MDB0 to MDB7, XINT, MA0 to MA9, XMWR, MCLK, HCLK, EXCK
(7)
Powered output pin:
HINT, HDRQ, HDB0 to HDBF, DASP, XPDI, XS16, REDY
(8)
Proportional output pin:
XRAS, XCAS
(9)
Tristate output pin:
XINT, HINT, HDRQ
(10) Open drain output pin:
DASP, XPDI, XS16, REDY
1-3. Bidirectional pins
D0 to D7, MDB0 to MDB7, HDB0 to HDBF, DASP, XPDI
1-4. Oscillation cell
Input:
XTL1
Output: XTL2
1-5. I/O Capacitance
(VDD = VI = 0V, f = 1MHz)
Item
Symbol
Min.
Typ.
Max.
Unit
Input capacitance
Output capacitance
I/O capacitance
CIN
COUT
CI/O
9
11
11
pF
pF
pF


Numéro de pièce similaire - CXD1812R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD1818 SONY-CXD1818 Datasheet
895Kb / 112P
   CD-ROM Decoder
CXD1818R SONY-CXD1818R Datasheet
895Kb / 112P
   CD-ROM Decoder
More results

Description similaire - CXD1812R

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sanyo Semicon Device
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com