Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP-4735SEE-1 Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce TIP-4735SEE-1
Description  14" Infrared Touch Panel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP-4735SEE-1 Fiches technique(HTML) 6 Page - Vishay Siliconix

  TIP-4735SEE-1_10 Datasheet HTML 1Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 2Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 3Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 4Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 5Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 6Page - Vishay Siliconix TIP-4735SEE-1_10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: displays@vishay.com
Document Number: 37078
6
Revision: 14-Jan-10
TIP-4735SEE-1
Vishay Dale
14" Infrared Touch Panel
MOUNTING
The touch panel and display assembly should be mounted
in accordance with mounting instructions specified herein,
and as separately specified by the display manufacturer.
The vibration and shock specifications only apply to the
complete assembly when properly mounted in a rigid front
panel.
CLEANING
The bezel is manufactured from polycarbonate which is
compatible with most cleaning agents such as alcohol,
window cleaners, and soap and water. Solvent type
cleaning agents should only be used for wiping. Filters are
made from polyester, polycarbonate, or acrylic and also
should withstand the above cleaning agents. Care must be
taken to avoid scratching the bezel or filter by cleaning with
abrasive or coarse cloths, use only soft cotton. While
scratches normally will not affect the function of the touch
panel, they will degrade the appearance of the end product
and make the display difficult to read.
WARRANTY
Vishay Dale warrants that TIP infrared touch panels will be
free from defects in materials and workmanship, and that
they will function substantially to these specifications. The
TIP touch panels are warranted for one year from shipment
from Vishay Dale. Cosmetic defects (bezel and filter
scratches and blemishes) are not warranted unless they are
present when the product is first delivered from Vishay Dale
Electronics, Inc. Bezel/filter assemblies with cosmetic
defects must be returned within 30 days of delivery.
The purchaser must return the defective or nonconforming
goods to Vishay Dale not later than 30 days after Vishay
Dale’s issuance of an RMA number. No goods are to be
returned without issuance of an RMA number. For an RMA
number, contact the Vishay Dale’s customer service
department with the model number(s) and original purchase
order number(s).
When returning goods for repair, please include a brief
description of the problem, and mark the outside of the
shipping container with the RMA number. The buyer shall
prepay transportation charges, and Vishay Dale shall pay for
the return of the goods to the buyer.
The warranty does not apply in cases of improper or
inadequate installation or maintenance by the buyer,
unauthorized modification of the product, operation of the
product outside their environmental specifications, neglect
or abuse of the product.
This warranty is not the full warranty, and should not be
interpreted as a substitute for the full warranty.
ELECTROSTATIC CAUTION
Vishay Dale TIP touch panels use electrostatic sensitive
components. These assemblies should be unpacked and
handled in an ESD controlled area only. When shipping, use
packing materials designed for protection of electrostatic
sensitive components.
Vishay Dale Electronics, Inc. believes that the information described in this publication is accurate and reliable, and much care has been taken
in its preparation. However, no responsibility, financial, or otherwise, is accepted for any consequences arising out of the use of this information.
This information is subject to change without notice.


Numéro de pièce similaire - TIP-4735SEE-1_10

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com