Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD1175AM Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce CXD1175AM
Description  8-bit 20MSPS Video A/D Converter (CMOS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1175AM Fiches technique(HTML) 3 Page - Sony Corporation

  CXD1175AM Datasheet HTML 1Page - Sony Corporation CXD1175AM Datasheet HTML 2Page - Sony Corporation CXD1175AM Datasheet HTML 3Page - Sony Corporation CXD1175AM Datasheet HTML 4Page - Sony Corporation CXD1175AM Datasheet HTML 5Page - Sony Corporation CXD1175AM Datasheet HTML 6Page - Sony Corporation CXD1175AM Datasheet HTML 7Page - Sony Corporation CXD1175AM Datasheet HTML 8Page - Sony Corporation CXD1175AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
– 3 –
CXD1175AM/AP
No.
Symbol
Equivalent circuit
Description
1
OE
When OE = Low, Data is output.
When OE = High, D0 to D7 pins turn
to High impedance.
Digital ground
D0 (LSB) to D7 (MSB) output
Digital +5V
Clock input
DVSS
D0 to D7
DVDD
CLK
2, 24
3 to 10
11, 13
12
1
DVDD
DVSS
Di
12
DVDD
DVSS
17
VRT
23
VRB
14, 15, 18 AVDD
Reference voltage (Top)
Reference voltage (Bottom)
Analog +5V
19
VIN
20, 21
AVSS
Analog input
Analog GND
22
VRBS
Shorted with VRB generates +0.6V.
AVDD
AVSS
17
23
AVDD
AVSS
19
AVSS
22
Pin Description and Equivalent Circuits
AVDD
16
16
VRTS
Shorted with VRT generates, +2.6V.


Numéro de pièce similaire - CXD1175AM

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD1170 SONY-CXD1170 Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
More results

Description similaire - CXD1175AM

FabricantNo de pièceFiches techniqueDescription
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Sony Corporation
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1172 INTERSIL-HI1172_00 Datasheet
82Kb / 7P
   6-Bit, 20MSPS, Video A/D Converter (CMOS)
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD3300R SONY-CXD3300R Datasheet
220Kb / 17P
   10-bit 20MSPS Video A/D Converter
CXD2312R SONY-CXD2312R Datasheet
305Kb / 16P
   9-bit 20MSPS Video A/D Converter
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com