Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD1170 Fiches technique(PDF) 2 Page - Sony Corporation

No de pièce CXD1170
Description  6-bit 40MSPS High Speed D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1170 Fiches technique(HTML) 2 Page - Sony Corporation

  CXD1170 Datasheet HTML 1Page - Sony Corporation CXD1170 Datasheet HTML 2Page - Sony Corporation CXD1170 Datasheet HTML 3Page - Sony Corporation CXD1170 Datasheet HTML 4Page - Sony Corporation CXD1170 Datasheet HTML 5Page - Sony Corporation CXD1170 Datasheet HTML 6Page - Sony Corporation CXD1170 Datasheet HTML 7Page - Sony Corporation CXD1170 Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
– 2 –
CXD1170M
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VDD
7V
• Input voltage
VIN
VDD to VSS
V
• Output current
IOUT
15
mA
• Storage temperature
Tstg
–55 to +150
°C
Recommended Operating Conditions
• Supply voltage
AVDD, AVSS
4.75 to 5.25
V
DVDD, DVSS
4.75 to 5.25
V
• Reference input voltage
VREF
2.0
V
• Clock pulse width
Tpw1
12.5 (Min)
ns
Tpw0
12.5 (Min)
ns
• Operating temperature
Topr
–20 to +75
°C
Pin Description and I/O Pins Equivalent Circuit
No.
Symbol
Equivalent circuit
Description
10, 13
DVSS
Digital GND
14
AVSS
Analog GND
3 to 8
D0 to D5
Digital input
9
BLK
Blanking pin
No signal at "H" (Output 0V)
Output condition at "L"
11
VB
Connect a capacitor of about 0.1µF
12
CLK
Clock pin
Moreover all input pins are TTL-CMOS
compatible
DVDD
DVSS
to
3
8
DVDD
DVSS
9
DVDD
DVSS
DVDD
11
DVDD
DVSS
12


Numéro de pièce similaire - CXD1170

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
CXD1172 SONY-CXD1172 Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
More results

Description similaire - CXD1170

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
   HIGH SPEED 6 BIT A/D CONVERTER
REV. A
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
Intersil Corporation
HI5746 INTERSIL-HI5746_04 Datasheet
826Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
STMicroelectronics
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
   8-BIT, 40MSPS, 40mW A/D CONVERTER
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203_06 Datasheet
442Kb / 30P
   Dual-channel 12-bit 40Msps 215mW A/D converter
TSA1005 STMICROELECTRONICS-TSA1005 Datasheet
558Kb / 22P
   DUAL-CHANNEL, 10-BIT, 20/40MSPS A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com