Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29038 Fiches technique(PDF) 3 Page - Xicor Inc.

No de pièce ISL29038
Description  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  XICOR [Xicor Inc.]
Site Internet  http://www.xicor.com
Logo XICOR - Xicor Inc.

ISL29038 Fiches technique(HTML) 3 Page - Xicor Inc.

  ISL29038 Datasheet HTML 1Page - Xicor Inc. ISL29038 Datasheet HTML 2Page - Xicor Inc. ISL29038 Datasheet HTML 3Page - Xicor Inc. ISL29038 Datasheet HTML 4Page - Xicor Inc. ISL29038 Datasheet HTML 5Page - Xicor Inc. ISL29038 Datasheet HTML 6Page - Xicor Inc. ISL29038 Datasheet HTML 7Page - Xicor Inc. ISL29038 Datasheet HTML 8Page - Xicor Inc. ISL29038 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISL29038
3
FN7851.0
October 12, 2012
Absolute Maximum Ratings
Thermal Information
VDD Supply Voltage between VDD and GND . . . . . . . . . . . . . . . . . . . . . .4.0V
I2C Bus Pin Voltage (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
I2C Bus Pin Current (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
REXT Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to VDD + 0.5V
IRDR Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5V
INT Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
INT Pin Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
ESD Rating
Human Body Model (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld ODFN (Notes 4, 5) . . . . . . . . . . . . . . . .
88
10
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile (*) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB477
*Peak temperature during solder reflow +260°C max
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. Tested per JESD22-A114E, ESD on all pins is 2kV except IRDR, which is 1.5kV.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications VDD = 3.0V, TA = +25°C, REXT = 499kΩ 1% tolerance.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT POWER
VDD
Power Supply Range
2.25
3.0
3.63
V
IDD_OFF
Supply Current when Powered Down
ALS_EN = 0; PROX_EN = 0
0.2
1.0
µA
IDD_NORM
Supply Current for ALS+Prox in Sleep Time
ALS_EN = 1; PROX_EN = 1
125
140
µA
IDD_PRX_SLP Supply Current for Prox in Sleep Time
ALS_EN = 0; PROX_EN = 1
95
µA
IDD_ALS
Supply Current for ALS
ALS_EN = 1; PROX_EN = 0
95
µA
ADC (ALS & PROX)
tINTGR_ALS
12-bit ALS Conversion Time
80
95
110
ms
tINTGR_PROX 8-bit Prox Conversion Time
0.4
0.50
0.6
ms
DATAALS_0
ALS Result when Dark
EAMBIENT = 0 Lux, 2k range
1
Counts
DATAALS_F
Full Scale ALS ADC Code
EAMBIENT > selected range maximum Lux
4095
Counts
ΔDATA1
DATA
Output Variation Over Light Sources:
Fluorescent, Incandescent and Sunlight
Ambient light sensing, no cover glass
After programmable active IR compensation
(Note 7)
±10
%
ΔDATA2
DATA
Output Variation Over Light Sources:
Fluorescent, Incandescent and Sunlight
Ambient light sensing under cover glass
After programmable active IR compensation
(Note 7)
±10
%
Linearity
ALS ADC Data Linearity
20% - 80% of full range
±5
%
DATAALS_0
Light Count, ALS_Range 125 Lux
E = 50 Lux (Note 8),
ALS_RANGE = 0
1555
1767
1979
Counts
DATAALS_1
Light Count, ALS_Range 250 Lux
E = 50 Lux (Note 8),
ALS_RANGE = 1
771
876
981
Counts
DATAALS_2
Light Count, ALS_Range 2000 Lux
E = 300 Lux (Note 8),
ALS_RANGE = 2
585
665
745
Counts
DATAALS_3
Light Count, ALS_Range 4000 Lux
E = 300 Lux (Note 8),
ALS_RANGE = 3
292
331
371
Counts
DATAPROX_0 Prox Data without Object in Path
1Counts


Numéro de pièce similaire - ISL29038

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29038 INTERSIL-ISL29038 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29038IROZ-EVALZ INTERSIL-ISL29038IROZ-EVALZ Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
logo
Renesas Technology Corp
ISL29038IROZ-EVALZ RENESAS-ISL29038IROZ-EVALZ Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
More results

Description similaire - ISL29038

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29147IROMZ-T7 INTERSIL-ISL29147IROMZ-T7 Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com