Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHCV240FT Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC74VHCV240FT
Description  Octal Schmitt Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV240FT Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC74VHCV240FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV240FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV240FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV240FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV240FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV240FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV240FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV240FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCV240FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74VHCV240,244FT/FK
2010-07-09
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Positive threshold voltage
VP
1.8
2.3
3.0
4.5
5.5
1.65
1.85
2.20
3.15
3.85
1.65
1.85
2.20
3.15
3.85
Negative threshold voltage
VN
1.8
2.3
3.0
4.5
5.5
0.15
0.45
0.90
1.35
1.65
0.15
0.45
0.90
1.35
1.65
V
Hysteresis voltage
VH
1.8
2.3
3.0
4.5
5.5
0.15
0.20
0.30
0.40
0.50
1.05
1.10
1.20
1.40
1.60
0.15
0.20
0.30
0.40
0.50
1.05
1.10
1.20
1.40
1.60
V
IOH = −50 μA
1.8
3.0
4.5
1.7
2.9
4.4
1.8
3.0
4.5
1.7
2.9
4.4
High-level output voltage
VOH
VIN
= VIH or
VIL
IOH = −8 mA
IOH = −16 mA
3.0
4.5
2.58
3.94
2.48
3.80
IOL = 50 μA
1.8
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output voltage
VOL
VIN
= VIH or
VIL
IOL = 8 mA
IOL = 16 mA
3.0
4.5
0.36
0.44
0.44
0.55
V
3-state output off-state
current
IOZ
VIN = VIH or VIL
VOUT = 0 to 5.5V
1.8 to
5.5
±0.5
±5.0
μA
Power-off leakage current
IOFF
VIN/VOUT = 5.5 V
0
0.5
5.0
μA
Input leakage current
IIN
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA


Numéro de pièce similaire - TC74VHCV240FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCV245FK TOSHIBA-TC74VHCV245FK Datasheet
197Kb / 9P
   Octal Schmitt Bus Transceiver
TC74VHCV245FT TOSHIBA-TC74VHCV245FT Datasheet
197Kb / 9P
   Octal Schmitt Bus Transceiver
More results

Description similaire - TC74VHCV240FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCV540FK TOSHIBA-TC74VHCV540FK Datasheet
201Kb / 9P
   Octal Schmitt Bus Buffer
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
TC74HC7240AP TOSHIBA-TC74HC7240AP_07 Datasheet
260Kb / 7P
   Octal Bus Buffer (with schmitt trigger inputs)
TC74VHCV245FT TOSHIBA-TC74VHCV245FT Datasheet
197Kb / 9P
   Octal Schmitt Bus Transceiver
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com