Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHC9125FT Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC74VHC9125FT
Description  5-bit Universal Schmitt Buffer with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC9125FT Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC9125FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC9125FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC9125FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC9125FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC9125FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC9125FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC9125FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC9125FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC9125FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74VHC9125,9126P/FT/FK
2008-02-01
5
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta = −40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
6.0
8.0
1.0
10.0
3.3 ± 0.3
50
9.0
12.5
1.0
15.0
15
5.0
5.5
1.0
7.0
Propagation delay
time
(A1 to 4 - Y1 to 4)
tpLH
tpHL
5.0 ± 0.5
50
7.0
8.5
1.0
10.0
ns
15
8.5
11.5
1.0
13.5
3.3 ± 0.3
50
13.0
17.0
1.0
20.5
15
6.5
8.0
1.0
9.5
Propagation delay
time
(CONT-Y1 to 4)
tpLH
tpHL
5.0 ± 0.5
50
10.5
12.5
1.0
15.0
ns
15
6.0
8.0
1.0
10.0
3.3 ± 0.3
50
9.0
12.5
1.0
15.0
15
5.0
5.5
1.0
7.0
Propagation delay
time
(A5 – Y5)
tpLH
tpHL
5.0 ± 0.5
50
7.0
8.5
1.0
10.0
ns
15
6.0
8.0
1.0
9.5
3.3 ± 0.3
50
10.5
13.5
1.0
16.5
15
4.5
5.5
1.0
6.5
3-state output enable
time
tpZL
tpZH
RL = 1 kΩ
5.0 ± 0.5
50
9.0
10.5
1.0
12.5
ns
3.3 ± 0.3
50
12.5
13.5
1.0
16.0
3-state output disable
time
tpLZ
tpHZ
RL = 1 kΩ
5.0 ± 0.5
50
9.0
9.5
1.0
11.0
ns
3.3 ± 0.3
50
1.5
1.5
Output to output skew
(A1 to 4 - Y1 to 4)
tosLH
tosHL
(Note 1)
5.0 ± 0.5
50
1.0
1.0
ns
In pu t c a paci t anc e
CIN
4
10
10
pF
Output capacitance
COUT
6
pF
Power dissipation
capacitance (Note 2)
CPD
fIN = 1 MHz
10
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC / 5 (per bit)


Numéro de pièce similaire - TC74VHC9125FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC9151FK TOSHIBA-TC74VHC9151FK Datasheet
216Kb / 10P
   9-Bit Schmitt Buffer (Inverter)
TC74VHC9151FT TOSHIBA-TC74VHC9151FT Datasheet
216Kb / 10P
   9-Bit Schmitt Buffer (Inverter)
TC74VHC9151P TOSHIBA-TC74VHC9151P Datasheet
216Kb / 10P
   9-Bit Schmitt Buffer (Inverter)
TC74VHC9152FK TOSHIBA-TC74VHC9152FK Datasheet
216Kb / 10P
   9-Bit Schmitt Buffer (Inverter)
TC74VHC9152FT TOSHIBA-TC74VHC9152FT Datasheet
216Kb / 10P
   9-Bit Schmitt Buffer (Inverter)
More results

Description similaire - TC74VHC9125FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCT9125AFK TOSHIBA-TC74VHCT9125AFK Datasheet
286Kb / 7P
   5-bit Universal Schmitt Buffer with 3-State Outputs
2019-01-31
logo
Texas Instruments
SN74LV8151 TI-SN74LV8151_07 Datasheet
293Kb / 15P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
SN74LV8151 TI-SN74LV8151 Datasheet
292Kb / 14P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
SN74LV8151 TI-SN74LV8151_08 Datasheet
293Kb / 15P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74VHC9541P TOSHIBA-TC74VHC9541P Datasheet
222Kb / 10P
   Octal Universal Schmitt Buffer with 3-State Outputs
TC74VHCT9541AFK TOSHIBA-TC74VHCT9541AFK Datasheet
336Kb / 7P
   Octal Universal Schmitt Buffer with 3-State Outputs
2019-01-31
logo
Texas Instruments
SN74AHC8541 TI1-SN74AHC8541 Datasheet
364Kb / 9P
[Old version datasheet]   8-BIT INVERTING/NON-INVERTING SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com