Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHC4051AFK Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TC74VHC4051AFK
Description  8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC4051AFK Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VHC4051AFK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC4051AFK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC4051AFK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC4051AFK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC4051AFK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC4051AFK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC4051AFK_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC4051AFK_12 Datasheet HTML 10Page - Toshiba Semiconductor TC74VHC4051AFK_12 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TC74VHC4051,4052,4053AF/FT/FK
2010-07-15
7
Analog Switch Characteristics (Ta = 25°C) (Note)
Characteristics
Test Condition
VCC (V)
Typ.
Unit
VIN = 2.0 Vp-p
3.0
0.1
Sine Wave Distortion (T.H.D)
RL = 10 kΩ, CL = 50 pF,
fIN = 1 kHz
VIN = 4.0 Vp-p
4.5
0.03
%
4051A
150
4052A
200
4053A
3.0
240
4051A
180
4052A
230
Frequency response
(switch ON)
VIN is centered at (VCC/2).
Adjust input for 0dBm.
Increase fIN frequency until dB meter
reads
−3dB.
RL = 50 Ω, CL = 10 pF,sine wave
Figure 3
4053A
4.5
280
MHz
3.0
-45
VIN is centered at (VCC/2).
Adjust input for 0dBm.
RL = 600 Ω, CL = 50 pF, fIN = 1 MHz, sine wave
Figure 4
4.5
-45
3.0
-65
Feed through attenuation
(switch OFF)
RL = 50 Ω, CL = 10 pF, fIN = 1 MHz, sine wave
4.5
-65
dB
3.0
60
Crosstalk
(control input to signal output)
RL = 600 Ω, CL = 50 pF, fIN = 1 MHz, square wave
(tr = tf = 6 ns)
Figure 5
4.5
100
mV
3.0
-45
Crosstalk
(between any switches)
VIN is centered at (VCC/2). Adjust input for 0dBm.
RL = 600 Ω, CL = 50 pF, fIN = 1 MHz, sine wave
Figure 6
4.5
-45
dB
Note:
These characteristics are determined by design of devices.
Switch pin
Common pin


Numéro de pièce similaire - TC74VHC4051AFK_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC4051AFK TOSHIBA-TC74VHC4051AFK Datasheet
282Kb / 13P
   Analog Multiplexer/Demultiplexer
More results

Description similaire - TC74VHC4051AFK_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com