Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHC164F Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74VHC164F
Description  8-Bit Shift Register (S-IN, P-OUT)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC164F Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC164F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC164F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74VHC164F/FT/FK
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC164F,TC74VHC164FT,TC74VHC164FK
8-Bit Shift Register (S-IN, P-OUT)
The TC74VHC164 is an advanced high speed CMOS 8-BIT
SERIAL-IN PARALLEL-OUT SHIFT REGISTER fabricated with
silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
It consists of a serial-in, parallel-out 8-bit shift register with a
CLOCK input and an overriding CLEAR input.
Two serial data inputs (A, B) are provided so that one may be
used as a data enable.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: fmax = 175 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS164
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
TSSOP14-P-0044-0.65A : 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)
TC74VHC164F
TC74VHC164FT
TC74VHC164FK


Numéro de pièce similaire - TC74VHC164F_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC164FK TOSHIBA-TC74VHC164FK Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164FN TOSHIBA-TC74VHC164FN Datasheet
259Kb / 7P
   8-BIT SHIFT REGISTER
TC74VHC164FN TOSHIBA-TC74VHC164FN Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164FN TOSHIBA-TC74VHC164FN Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
TC74VHC164FS TOSHIBA-TC74VHC164FS Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results

Description similaire - TC74VHC164F_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
   8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
   8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
   8-Bit Shift Register (P-In, S-Out)
TC74VHC165F TOSHIBA-TC74VHC165F_07 Datasheet
279Kb / 12P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_V01 Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com