Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHC161FT Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TC74VHC161FT
Description  Binary, Asynchronous Clear
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC161FT Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VHC161FT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC161FT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC161FT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC161FT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC161FT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC161FT_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC161FT_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC161FT_12 Datasheet HTML 10Page - Toshiba Semiconductor TC74VHC161FT_12 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TC74VHC161,163F/FT/FK
2012-02-29
7
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta =
25°C
Ta =
−40 to
85°C
Characteristics
Symbol
VCC (V)
Limit
Limit
Unit
Minimum pulse width
(CK)
tw (L)
tw (H)
Figure 1
3.3 ± 0.3
5.0 ± 0.5
5.0
5.0
5.0
5.0
ns
Minimum pulse width
( CLR )
(Note1)
tw (L)
Figure 4
3.3 ± 0.3
5.0 ± 0.5
5.0
5.0
5.0
5.0
ns
Minimum set-up time
(A, B, C, D)
ts
Figure 2
3.3 ± 0.3
5.0 ± 0.5
5.5
4.5
6.5
4.5
ns
Minimum set-up time
( LOAD )
ts
Figure 2
3.3 ± 0.3
5.0 ± 0.5
8.0
5.0
9.5
6.0
ns
Minimum set-up time
(ENT, ENP)
ts
Figure 3
3.3 ± 0.3
5.0 ± 0.5
7.5
5.0
9.0
6.0
ns
Minimum set-up time
( CLR )
(Note 2)
ts
Figure 5
3.3 ± 0.3
5.0 ± 0.5
4.0
3.5
4.0
3.5
ns
Minimum hold time
th
Figure 2, Figure 3
3.3 ± 0.3
5.0 ± 0.5
1.0
1.0
1.0
1.0
ns
Minimum hold time
( CLR )
(Note 2)
th
Figure 5
3.3 ± 0.3
5.0 ± 0.5
1.0
1.5
1.0
1.5
ns
Minimum removal time
( CLR )
(Note 1)
trem
Figure 4
3.3 ± 0.3
5.0 ± 0.5
2.5
1.5
2.5
1.5
ns
Note 1: For TC74VHC161 only
Note 2: For TC74VHC163 only


Numéro de pièce similaire - TC74VHC161FT_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC161FT TOSHIBA-TC74VHC161FT Datasheet
402Kb / 10P
   SYNCHROMOUS PRESETTABLE 4-BIT COUNTER
TC74VHC161FT TOSHIBA-TC74VHC161FT Datasheet
328Kb / 15P
   Synchronous Presettable 4-Bit Counter
TC74VHC161FT TOSHIBA-TC74VHC161FT Datasheet
515Kb / 10P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
1997-01-30
More results

Description similaire - TC74VHC161FT_12

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
74ACT11867 TI1-74ACT11867_13 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74HC161AP TOSHIBA-TC74HC161AP_07 Datasheet
644Kb / 15P
   Binary, Synchronous Clear
logo
Texas Instruments
SN54HC4024 TI1-SN54HC4024_13 Datasheet
318Kb / 10P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4024 TI-SN54HC4024 Datasheet
102Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com