Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHC161F Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC74VHC161F
Description  Binary, Asynchronous Clear
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC161F Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC74VHC161F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC74VHC161,163F/FT/FK
2012-02-29
2
Pin Assignment
IEC Logic Symbol
Truth Table (Note)
TC74VHC161
TC74VHC163
Inputs
Inputs
Outputs
CLR
LD
ENP
ENT
CK
CLR
LD
ENP
ENT
CK
QA
QB
QC
QD
Function
L
X
X
X
X
L
X
X
X
L
L
L
L
Reset to “0”
H
L
X
X
H
L
X
X
A
B
C
D
Preset Data
H
H
X
L
H
H
X
L
No Change
No Count
H
H
L
X
H
H
L
X
No Change
No Count
H
H
H
H
H
H
H
H
Count Up
Count
H
X
X
X
X
X
X
X
No Change
No Count
Note:
X: Don’t care
A, B, C, D: Logic level of data inputs
Carry: CARRY = ENT・QA・QB・QC・QD
VCC
16
CARRY OUTPUT
QA
QB
15
14
13
12
11
10
CLR
1
2
3
4
5
6
7
B
C
D
ENP
GND
QC
8
LOAD
9
QD
ENT
(top view)
CK
A
(9)
(1)
(10)
(2)
(7)
ENP
1, 5D
[1]
CK
(3)
(4)
B
A
(15)
(14)
QB
(13)
QA
QC
CT = 0
M1
LOAD
CLR
C
(5)
(6)
D
(12)
QD
(11)
CARRY OUTPUT
ENT
TC74VHC161
CTRDIV 16
M2
G3
G4
C5/2, 3, 4+
3CT = 15
[2]
[4]
[8]
(9)
(1)
(10)
(2)
(7)
ENP
1, 5D
[1]
CK
(3)
(4)
B
A
(15)
(14)
QB
(13)
QA
QC
5CT = 0
M1
LOAD
CLR
C
(5)
(6)
D
(12)
QD
(11)
CARRY OUTPUT
ENT
TC74VHC163
CTRDIV 16
M2
G3
G4
C5/2, 3, 4+
3CT = 15
[2]
[4]
[8]


Numéro de pièce similaire - TC74VHC161F_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC161FK TOSHIBA-TC74VHC161FK Datasheet
328Kb / 15P
   Synchronous Presettable 4-Bit Counter
TC74VHC161FN TOSHIBA-TC74VHC161FN Datasheet
402Kb / 10P
   SYNCHROMOUS PRESETTABLE 4-BIT COUNTER
TC74VHC161FN TOSHIBA-TC74VHC161FN Datasheet
328Kb / 15P
   Synchronous Presettable 4-Bit Counter
TC74VHC161FN TOSHIBA-TC74VHC161FN Datasheet
515Kb / 10P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
1997-01-30
TC74VHC161FS TOSHIBA-TC74VHC161FS Datasheet
515Kb / 10P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
1997-01-30
More results

Description similaire - TC74VHC161F_12

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
74ACT11867 TI1-74ACT11867_13 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74HC161AP TOSHIBA-TC74HC161AP_07 Datasheet
644Kb / 15P
   Binary, Synchronous Clear
logo
Texas Instruments
SN54HC4024 TI1-SN54HC4024_13 Datasheet
318Kb / 10P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4024 TI-SN54HC4024 Datasheet
102Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com