Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHC161F Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74VHC161F
Description  Binary, Asynchronous Clear
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC161F Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC161F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC161F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TC74VHC161,163F/FT/FK
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC161F,TC74VHC161FT,TC74VHC161FK
TC74VHC163F,TC74VHC163FT,TC74VHC163FK
Synchronous Presettable 4-Bit Counter
TC74VHC161F/FT/FK Binary, Asynchronous
Clear
TC74VHC163F/FT/FK Binary, Synchronous
Clear
The TC74VHC 161 and 163 are advanced high speed CMOS
SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTERs
fabricated with silicon gate C2MOS technology.
They achieve the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The CK input is active on the rising edge. Both LOAD and
CLR inputs are active on low logic level.
Presetting of each IC’s is synchronous to the rising edge of CK.
The clear function of the TC74VHC163 is synchronous to CK,
while the TC74VHC161 are cleared asynchronously.
Two enable inputs (ENP and ENT) and CARRY OUTPUT are
provided to enable easy cascading of counters, which facilitates
easy implementation of n-bit counters without using external
gates.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: fmax = 185 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS161/163
TC74VHC161F, TC74VHC163F
TC74VHC161FT, TC74VHC163FT
TC74VHC161FK, TC74VHC163FK
Weight
SOP16-P-300-1.27A
: 0.18 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)
VSSOP16-P-0030-0.50
: 0.02 g (typ.)


Numéro de pièce similaire - TC74VHC161F_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC161FK TOSHIBA-TC74VHC161FK Datasheet
328Kb / 15P
   Synchronous Presettable 4-Bit Counter
TC74VHC161FN TOSHIBA-TC74VHC161FN Datasheet
402Kb / 10P
   SYNCHROMOUS PRESETTABLE 4-BIT COUNTER
TC74VHC161FN TOSHIBA-TC74VHC161FN Datasheet
328Kb / 15P
   Synchronous Presettable 4-Bit Counter
TC74VHC161FN TOSHIBA-TC74VHC161FN Datasheet
515Kb / 10P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
1997-01-30
TC74VHC161FS TOSHIBA-TC74VHC161FS Datasheet
515Kb / 10P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
1997-01-30
More results

Description similaire - TC74VHC161F_12

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
74VHC161 FAIRCHILD-74VHC161 Datasheet
88Kb / 10P
   4-Bit Binary Counter with Asynchronous Clear
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
74ACT11867 TI1-74ACT11867_13 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74HC161AP TOSHIBA-TC74HC161AP_07 Datasheet
644Kb / 15P
   Binary, Synchronous Clear
logo
Texas Instruments
SN54HC4024 TI1-SN54HC4024_13 Datasheet
318Kb / 10P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4024 TI-SN54HC4024 Datasheet
102Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com