Moteur de recherche de fiches techniques de composants électroniques |
|
TC74VHC86F Fiches technique(PDF) 1 Page - Toshiba Semiconductor |
|
TC74VHC86F Fiches technique(HTML) 1 Page - Toshiba Semiconductor |
1 / 8 page TC74VHC86F/FT/FK 2012-02-29 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC74VHC86F,TC74VHC86FT,TC74VHC86FK Quad Exclusive OR Gate The TC74VHC86 is an advanced high speed CMOS QUAD EXCLUSIVE OR GATE fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The internal circuit is includes on output buffer, which provide high noise immunity and stable output. An Input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5 V to 3 V systems and on two supply system such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages. Features • High speed: tpd = 4.8 ns (typ.) at VCC = 5 V • Low power dissipation: ICC = 2 μA (max) at Ta = 25°C • High noise immunity: VNIH = VNIL = 28% VCC (min) • Power down protection is provided on all inputs. • Balanced propagation delays: tpLH ≈ tpHL • Wide operating voltage range: VCC (opr) = 2 V to 5.5 V • Low noise: VOLP = 0.8 V (max) • Pin and function compatible with 74ALS86 TC74VHC86F TC74VHC86FT TC74VHC86FK Weight SOP14-P-300-1.27A : 0.18 g (typ.) TSSOP14-P-0044-0.65A : 0.06 g (typ.) VSSOP14-P-0030-0.50 : 0.02 g (typ.) |
Numéro de pièce similaire - TC74VHC86F_12 |
|
Description similaire - TC74VHC86F_12 |