Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXB1567Q Fiches technique(PDF) 1 Page - Sony Corporation

No de pièce CXB1567Q
Description  Limiting Amplifier for Optical Fiber Communication Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1567Q Fiches technique(HTML) 1 Page - Sony Corporation

  CXB1567Q Datasheet HTML 1Page - Sony Corporation CXB1567Q Datasheet HTML 2Page - Sony Corporation CXB1567Q Datasheet HTML 3Page - Sony Corporation CXB1567Q Datasheet HTML 4Page - Sony Corporation CXB1567Q Datasheet HTML 5Page - Sony Corporation CXB1567Q Datasheet HTML 6Page - Sony Corporation CXB1567Q Datasheet HTML 7Page - Sony Corporation CXB1567Q Datasheet HTML 8Page - Sony Corporation CXB1567Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Description
The CXB1567Q achieves the 2R optical-fiber
communication receiver functions (Reshaping and
Regenerating) on a single chip. This IC is also
equipped with the signal interruption alarm output
function, which is used to discriminate the existence
of data input.
Features
• Auto-offset canceller circuit
• Signal interruption alarm outputs
• Single 5V power supply
Applications
• SONET/SDH: 622.08Mb/s
• Fiber channel: 531.25Mb/s
Absolute Maximum Ratings
• Power supply
VCC – VEE
–0.3 to +7.0
V
• Storage temperature
Tstg
–65 to +150
°C
• Input voltage difference: | VD – VD |
Vdif
0.0 to +2.5
V
• Input voltage
Vi
–0.3 to VCC
V
• Output current
(Continuous)
IO
0 to 50
mA
(Surge current)
0 to 100
mA
Recommended Operating Conditions
• Supply voltage
VCC – VEE
5.0 ± 0.5
V
• Operating temperature
Ta
–40 to +85
°C
• Termination resistor (Q/Q)
RT1
45 to 55
• Termination resistor (SD/SD)
RT2
45 to 55
• Termination voltage
VCC – VTT
1.8 to 2.2
V
Structure
Bipolar silicon monolithic IC
– 1 –
CXB1567Q
E94709A63-ST
Limiting Amplifier for Optical Fiber Communication Receiver
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
48 pin QFP (Plastic)
For the availability of this product, please contact the sales office.


Numéro de pièce similaire - CXB1567Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXB1561Q-Y SONY-CXB1561Q-Y Datasheet
564Kb / 23P
   s3R-IC for Optical Fiber Cimmunication Receiver
CXB1562AQ SONY-CXB1562AQ Datasheet
318Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1563Q SONY-CXB1563Q Datasheet
296Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1565R SONY-CXB1565R Datasheet
288Kb / 16P
   622Mbps Clock & Data Recovery with High Sensitivity Limitting Amplifier
More results

Description similaire - CXB1567Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1577Q SONY-CXB1577Q Datasheet
339Kb / 22P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
   Post amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
CXB1563Q SONY-CXB1563Q Datasheet
296Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1562AQ SONY-CXB1562AQ Datasheet
318Kb / 16P
   2R IC for Optical Fiber Communication Receiver
logo
Hitachi Semiconductor
HA16853MP HITACHI-HA16853MP Datasheet
167Kb / 5P
   Optical Communication Receiver/Amplifier
HA16856MP HITACHI-HA16856MP Datasheet
210Kb / 6P
   Optical Communication Receiver/Amplifier
HA16852MP HITACHI-HA16852MP Datasheet
195Kb / 5P
   Optical Communication Receiver/Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com