Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXB1567Q Fiches technique(PDF) 6 Page - Sony Corporation

No de pièce CXB1567Q
Description  Limiting Amplifier for Optical Fiber Communication Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1567Q Fiches technique(HTML) 6 Page - Sony Corporation

Back Button CXB1567Q Datasheet HTML 2Page - Sony Corporation CXB1567Q Datasheet HTML 3Page - Sony Corporation CXB1567Q Datasheet HTML 4Page - Sony Corporation CXB1567Q Datasheet HTML 5Page - Sony Corporation CXB1567Q Datasheet HTML 6Page - Sony Corporation CXB1567Q Datasheet HTML 7Page - Sony Corporation CXB1567Q Datasheet HTML 8Page - Sony Corporation CXB1567Q Datasheet HTML 9Page - Sony Corporation CXB1567Q Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
– 6 –
CXB1567Q
Unit
450
450
8
100
100
B
VMAX
GL
TTLH
TTHL
VMIN
Hys
TAS
TDAS
Mbps
mVpp
dB
ps
mVpp
dB
µs
Maximum input data rate
Maximum input voltage
Limiting amplifier gain
Q/Q rise time
Q/Q fall time
Identification maximum voltage
amplitude of alarm level
Hysteresis width
Alarm response assert time
Alarm response deassert time
Single-ended input voltage at D
IC internal amplitude 400mVpp
20% to 80%
Electrically tested
Low
→ High ∗1 (SD)
High
→ Low ∗2 (SD)
622.08
1000
66
20
4
0
2.5
240
240
6
• AC characteristics (VCC = VCCA = 0V, VEED= VEEA= VEE = –5V±10%, Ta = –40°C to +85°C, RT = 50
Ω, VTT = –2V)
Item
Symbol
Conditions
Min.
Typ.
Max.
Electrical Characteristics
• DC characteristics (VCC = VCCA = 0V, VEED= VEEA= VEE = –5V±10%, Ta = –40°C to +85°C, RT = 50
Ω, VTT = –2V)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply current
Q/Q High output voltage
Q/Q Low output voltage
SD/SD High output voltage
SD/SD Low output voltage
Input offset voltage
D/D input resistance
IEE
VOH
VOL
VOHS
VOLS
VOFF
Rin
–93
–1.03
–1.81
–1.25
–1.95
0.75
–59
–0.95
–1.70
–0.95
–1.76
70
1.0
–0.88
–1.62
–0.70
–1.57
1.25
mA
V
µV
k
1 CAP2, CAP3 pin capacitance = 2000pF, REX = 400Ω, Vin = 20mVpp (single ended)
2 CAP2, CAP3 pin capacitance = 2000pF, REX = 400Ω, Vin = 60mVpp (single ended)
Ta = 0 to 85°C


Numéro de pièce similaire - CXB1567Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXB1561Q-Y SONY-CXB1561Q-Y Datasheet
564Kb / 23P
   s3R-IC for Optical Fiber Cimmunication Receiver
CXB1562AQ SONY-CXB1562AQ Datasheet
318Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1563Q SONY-CXB1563Q Datasheet
296Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1565R SONY-CXB1565R Datasheet
288Kb / 16P
   622Mbps Clock & Data Recovery with High Sensitivity Limitting Amplifier
More results

Description similaire - CXB1567Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1577Q SONY-CXB1577Q Datasheet
339Kb / 22P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
   Post amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
CXB1563Q SONY-CXB1563Q Datasheet
296Kb / 16P
   2R IC for Optical Fiber Communication Receiver
CXB1562AQ SONY-CXB1562AQ Datasheet
318Kb / 16P
   2R IC for Optical Fiber Communication Receiver
logo
Hitachi Semiconductor
HA16853MP HITACHI-HA16853MP Datasheet
167Kb / 5P
   Optical Communication Receiver/Amplifier
HA16856MP HITACHI-HA16856MP Datasheet
210Kb / 6P
   Optical Communication Receiver/Amplifier
HA16852MP HITACHI-HA16852MP Datasheet
195Kb / 5P
   Optical Communication Receiver/Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com