Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LVX32F Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC74LVX32F
Description  Quad 2-Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX32F Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC74LVX32F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX32F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX32F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX32F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX32F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX32F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX32F_12 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC74LVX32F/FT
2012-02-29
4
AC Characteristics (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.8
10.7
1.0
13.5
tpLH
2.7
50
8.3
14.2
1.0
17.0
15
4.4
6.6
1.0
8.0
Propagation delay time
tpHL
3.3
± 0.3
50
6.9
10.1
1.0
11.5
ns
2.7
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
3.3
± 0.3
50
1.5
1.5
ns
Input capacitance
CIN
(Note 2)
4
10
10
pF
Power dissipation capacitance
CPD
(Note 3)
14
pF
Note 1: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Note 2: Parameter guaranteed by design.
Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/4 (per gate)
Noise Characteristics (Ta = 25°C, input: tr = tf = 3 ns, CL = 50 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
3.3
0.3
0.5
V
Quiet output minimum dynamic VOL
VOLV
3.3
−0.3
−0.5
V
Minimum high level dynamic input voltage VIH
VIHD
3.3
2.0
V
Maximum low level dynamic input voltage VIL
VILD
3.3
0.8
V
Input Equivalent Circuit
INPUT


Numéro de pièce similaire - TC74LVX32F_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LVX32FN TOSHIBA-TC74LVX32FN Datasheet
236Kb / 7P
   QUAD 2-INPUT OR GATE
TC74LVX32FN TOSHIBA-TC74LVX32FN Datasheet
233Kb / 8P
   Quad 2-Input OR Gate
TC74LVX32FT TOSHIBA-TC74LVX32FT Datasheet
236Kb / 7P
   QUAD 2-INPUT OR GATE
TC74LVX32FT TOSHIBA-TC74LVX32FT Datasheet
233Kb / 8P
   Quad 2-Input OR Gate
TC74LVX32F TOSHIBA-TC74LVX32F_07 Datasheet
233Kb / 8P
   Quad 2-Input OR Gate
More results

Description similaire - TC74LVX32F_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com