Moteur de recherche de fiches techniques de composants électroniques |
|
TC74LVX08F Fiches technique(PDF) 2 Page - Toshiba Semiconductor |
|
TC74LVX08F Fiches technique(HTML) 2 Page - Toshiba Semiconductor |
2 / 7 page TC74LVX08F/FT 2012-02-29 2 Pin Assignment (top view) IEC Logic Symbol Truth Table Inputs Outputs A B Y L L L L H L H L L H H H Absolute Maximum Ratings (Note) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to 7.0 V DC output voltage VOUT −0.5 to VCC + 0.5 V Input diode current IIK −20 mA Output diode current IOK ±20 mA DC output current IOUT ±25 mA DC VCC/ground current ICC ±50 mA Power dissipation PD 180 mW Storage temperature Tstg −65 to 150 °C Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). VCC 14 4B 4A 4Y 3B 3A 13 12 11 10 9 8 1A 1 2 3 4 5 6 7 1B 1Y 2A 2B 2Y GND 3Y 1A 1B 2A 2B 3A 3B 4A 4B (1) (2) (4) (5) (9) (10) (12) (13) &(3) (6) (8) (11) 1Y 2Y 3Y 4Y |
Numéro de pièce similaire - TC74LVX08F_12 |
|
Description similaire - TC74LVX08F_12 |