Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LCX245FT Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC74LCX245FT
Description  Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX245FT Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC74LCX245FT_10 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX245FT_10 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC74LCX245F/FT/FK
2010-01-31
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
Function
OE
DIR
Outputs
A-Bus
B-Bus
L
L
A
= B
Output
Input
L
H
B
= A
Input
Output
H
X
Z
Z
X: Don’t care
Z: High impedance
VCC
20
OE
B1
B2
B3
B4
19
18
17
16
15
14
DIR
1
2
3
4
5
6
7
A1
A2
A3
A4
A5
A6
B5
8
9
10
A7
A8
GND
13
12
11
B6
B7
B8
1
19
2
OE
1
A1
3EN1 (BA)
G3
DIR
3EN2 (AB)
3
A2
4
A3
5
A4
6
A5
7
A6
8
A7
9
A8
2
18
17
16
15
14
13
12
11
B2
B3
B4
B5
B6
B7
B8
B1


Numéro de pièce similaire - TC74LCX245FT_10

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX245FT TOSHIBA-TC74LCX245FT Datasheet
294Kb / 8P
   LOW VOLTAGE OCTAL BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX245FT TOSHIBA-TC74LCX245FT Datasheet
248Kb / 10P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
More results

Description similaire - TC74LCX245FT_10

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MZ245FK TOSHIBA-TC7MZ245FK_07 Datasheet
190Kb / 8P
   Low Voltage Octal Bus Transceiver with 5 V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_07 Datasheet
248Kb / 10P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX652FS TOSHIBA-TC74LCX652FS Datasheet
139Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX652FS TOSHIBA-TC74LCX652FS_07 Datasheet
208Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX646FS TOSHIBA-TC74LCX646FS Datasheet
163Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC74LCX646FS TOSHIBA-TC74LCX646FS_07 Datasheet
209Kb / 11P
   Low-Voltage Octal Bus Transceiver/Register with 5-V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCXR2245FT TOSHIBA-TC74VCXR2245FT_07 Datasheet
260Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com