Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7LX0104MU Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TC7LX0104MU
Description  Low-Voltage, Low-Power 4-Bit Dual-Supply Bus Transceiver with Auto Direction Sensing
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7LX0104MU Fiches technique(HTML) 6 Page - Toshiba Semiconductor

Back Button TC7LX0104MU Datasheet HTML 2Page - Toshiba Semiconductor TC7LX0104MU Datasheet HTML 3Page - Toshiba Semiconductor TC7LX0104MU Datasheet HTML 4Page - Toshiba Semiconductor TC7LX0104MU Datasheet HTML 5Page - Toshiba Semiconductor TC7LX0104MU Datasheet HTML 6Page - Toshiba Semiconductor TC7LX0104MU Datasheet HTML 7Page - Toshiba Semiconductor TC7LX0104MU Datasheet HTML 8Page - Toshiba Semiconductor TC7LX0104MU Datasheet HTML 9Page - Toshiba Semiconductor TC7LX0104MU Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC7LX0104MU
6
11.2.
11.2.
11.2.
11.2. AC Characteristics
AC Characteristics
AC Characteristics
AC Characteristics
11.2.1.
11.2.1.
11.2.1.
11.2.1. V
V
V
VCCA
CCA
CCA
CCA
= 3.3
= 3.3
= 3.3
= 3.3 ±
±
±
± 0.3 V
0.3 V
0.3 V
0.3 V
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 85
= -40 to 85
= -40 to 85
= -40 to 85
, Input: t
, Input: t
, Input: t
, Input: trrrr = t
= t
= t
= tffff = 2.0 ns)
= 2.0 ns)
= 2.0 ns)
= 2.0 ns)
Characteristics
Propagation delay time
(Bn → An)
3-state output enable time
(OE → An)
3-state output disable time
(OE → An)
Propagation delay time
(An → Bn)
3-state output enable time
(OE → Bn)
3-state output disable time
(OE → Bn)
Output skew
(Note 1)
Symbol
tPLH/tPHL
tPZL/tPZH
tPLZ/tPHZ
tPLH/tPHL
tPZL/tPZH
tPLZ/tPHZ
tosLH/tosHL
Test Condition
Fig. 11.2.1, Fig. 11.2.3,
Table 11.2.2
Fig. 11.2.2, Fig. 11.2.4,
Table 11.2.1, Table 11.2.2
Fig. 11.2.1, Fig. 11.2.3,
Table 11.2.2
Fig. 11.2.2, Fig. 11.2.4,
Table 11.2.1, Table 11.2.2
VCCB (V)
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
1.2
1.5 ± 0.1
1.8 ± 0.15
2.5 ± 0.2
3.3 ± 0.3
Min
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Max
7.7
5.4
4.2
3.0
2.8
105.7
102.9
101.6
101.6
101.6
134.9
134.5
136.0
133.9
136.9
6.8
5.2
3.7
2.9
2.8
110.3
105.2
104.3
101.6
99.6
125.0
107.1
126.8
85.6
130.8
0.5
0.5
0.5
0.5
0.5
Unit
ns
Note 1: Parameter guaranteed by design.
(tosLH = |tPLHm - tPLHn|, tosHL = |tPHLm - tPHLn|)
2012-09-12
Rev.2.0


Numéro de pièce similaire - TC7LX0104MU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7LX1101WBG TOSHIBA-TC7LX1101WBG Datasheet
206Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7LX1102FK TOSHIBA-TC7LX1102FK Datasheet
212Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7LX1102WBG TOSHIBA-TC7LX1102WBG Datasheet
206Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7LX1104WBG TOSHIBA-TC7LX1104WBG Datasheet
210Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7LX1106WBG TOSHIBA-TC7LX1106WBG Datasheet
204Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2012-10-03 Rev.2.0
More results

Description similaire - TC7LX0104MU

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FXLA101 FAIRCHILD-FXLA101 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 1-Bit Voltage Translator with Auto Direction Sensing
FXL2SD106 FAIRCHILD-FXL2SD106_11 Datasheet
294Kb / 11P
   Low-Voltage Dual-Supply 6-Bit Voltage Translator with Auto-Direction Sensing
logo
NXP Semiconductors
NTS0304E NXP-NTS0304E Datasheet
680Kb / 26P
   4-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1-01 February 2019
NTS0304E NXP-NTS0304E_V01 Datasheet
456Kb / 27P
   4-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1.1-13 April 2021
NTB0101A PHILIPS-NTB0101A_15 Datasheet
376Kb / 19P
   Auto direction sensing dual supply
Rev. 1-14 July 2015
NTB0101A NXP-NTB0101A Datasheet
376Kb / 19P
   Auto direction sensing dual supply
Rev.1-14 July2015
NTS0308E NXP-NTS0308E Datasheet
322Kb / 22P
   8-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1.1-13 April 2021
NTS0302 NXP-NTS0302 Datasheet
629Kb / 25P
   2-bit dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 ??17 June 2019
NTB0101 PHILIPS-NTB0101_15 Datasheet
241Kb / 26P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4-6 August 2012
NTS0102 PHILIPS-NTS0102_15 Datasheet
393Kb / 27P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4-23 January 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com