Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXB1455R Fiches technique(PDF) 2 Page - Sony Corporation

No de pièce CXB1455R
Description  VGA/SVGA/XGA 24-bit Transmitter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1455R Fiches technique(HTML) 2 Page - Sony Corporation

  CXB1455R Datasheet HTML 1Page - Sony Corporation CXB1455R Datasheet HTML 2Page - Sony Corporation CXB1455R Datasheet HTML 3Page - Sony Corporation CXB1455R Datasheet HTML 4Page - Sony Corporation CXB1455R Datasheet HTML 5Page - Sony Corporation CXB1455R Datasheet HTML 6Page - Sony Corporation CXB1455R Datasheet HTML 7Page - Sony Corporation CXB1455R Datasheet HTML 8Page - Sony Corporation CXB1455R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
– 2 –
CXB1455R
Pin Description
Power Supply/Ground
Symbol
VDD
GND
VCCA
GNDA
GNDT
12, 24, 36, 48
1, 13, 25, 37
34
35
32
Logic power supply; connected to 3.3V ± 0.3V
Logic ground; connected to 0V
Analog power supply; connected to 3.3V ± 0.3V
Analog ground; connected to 0V
Transmission ground; connected to 0V
Pin No.
Description
Digital Signal
Symbol
SFTCLK
RED (7 to 0)
GRN (7 to 0)
BLU (7 to 0)
HSYNC
VSYNC
CNTL
DE
CE
CKPOL
41
16, 17, 18, 19,
20, 21, 22, 23
6, 7, 8, 9, 10,
11, 14, 15
44, 45, 46, 47,
2, 3, 4, 5
42
43
39
40
26
29
TTL in 1
TTL in 1
TTL in 1
TTL in 1
TTL in 1
TTL in 1
TTL in 2
TTL in 2
Shift clock, for the data
fetch at rising or falling
edge
Pixel data. 1 pixel/shift
clock input.
Hsync data
Vsync data
Panel control data
Data enable
Chip enable
SFTCLK polarity
Pin No.
Type
Equivalent Circuit
Description
VDD
TTL-IN
GND
SDATAP/N
30, 31
Tx
Serial output and Refclk
request input
VCCA
SDATAP
GNDT
VDD
GND
SDATAN
GNDA
VDD
TTL-IN
GND


Numéro de pièce similaire - CXB1455R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXB1451Q SONY-CXB1451Q Datasheet
278Kb / 13P
   VGA/SVGA/XGA digital data serial transmitter
CXB1452Q SONY-CXB1452Q Datasheet
273Kb / 13P
   VGA/SVGA/XGA digital data serial receiver
CXB1454R SONY-CXB1454R Datasheet
308Kb / 17P
   VGA/SVGA/XGA 24bit Receiver
CXB1456R SONY-CXB1456R Datasheet
206Kb / 17P
   VGA/SVGA/XGA 24-bit Receiver
More results

Description similaire - CXB1455R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXB1456R SONY-CXB1456R Datasheet
206Kb / 17P
   VGA/SVGA/XGA 24-bit Receiver
CXB1451Q SONY-CXB1451Q Datasheet
278Kb / 13P
   VGA/SVGA/XGA digital data serial transmitter
CXB1454R SONY-CXB1454R Datasheet
308Kb / 17P
   VGA/SVGA/XGA 24bit Receiver
CXB1452Q SONY-CXB1452Q Datasheet
273Kb / 13P
   VGA/SVGA/XGA digital data serial receiver
logo
Advantech Co., Ltd.
IDS-3212 ADVANTECH-IDS-3212_14 Datasheet
1Mb / 2P
   12" SVGA / XGA Industrial Panel Mount Monitor
IDS-3112 ADVANTECH-IDS-3112 Datasheet
314Kb / 2P
   12" SVGA / XGA Industrial Open Frame Monitor
IDS-3112 ADVANTECH-IDS-3112_16 Datasheet
406Kb / 2P
   12' SVGA / XGA Industrial Open Frame Monitor
IDS-3212 ADVANTECH-IDS-3212 Datasheet
512Kb / 2P
   12' SVGA / XGA Industrial Panel Mount Monitor
IDS-3112 ADVANTECH-IDS-3112_14 Datasheet
1Mb / 2P
   12" SVGA / XGA Industrial Open Frame Monitor
IDS-3112 ADVANTECH-IDS-3112_V01 Datasheet
374Kb / 2P
   12 SVGA / XGA Industrial Open Frame Monitor
12-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com