Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXB1454R Fiches technique(PDF) 11 Page - Sony Corporation

No de pièce CXB1454R
Description  VGA/SVGA/XGA 24bit Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1454R Fiches technique(HTML) 11 Page - Sony Corporation

Back Button CXB1454R Datasheet HTML 7Page - Sony Corporation CXB1454R Datasheet HTML 8Page - Sony Corporation CXB1454R Datasheet HTML 9Page - Sony Corporation CXB1454R Datasheet HTML 10Page - Sony Corporation CXB1454R Datasheet HTML 11Page - Sony Corporation CXB1454R Datasheet HTML 12Page - Sony Corporation CXB1454R Datasheet HTML 13Page - Sony Corporation CXB1454R Datasheet HTML 14Page - Sony Corporation CXB1454R Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
– 11 –
CXB1454R
(1) CHIP RESISTOR (1%)
(2) CHIP CAPACITOR
(3) FORMED BY THE PRINTED CIRCUIT PATTERN
(L = 0.5 to 1.0mm / W = 0.5 to 1.0mm)
470 (1)
100p (2)
0.1 to 0.4n (3)
0.1 to 0.4n (3)
VCC
0.1 to 0.4n
(3)
E
E
0.1µ
(2)
5
4
3
2
1
0
MSB
LSB
GREEN DATA
0.1µ (2)
E
0.1µ
(2)
Differential cable
Connector
33µ
16V
47p
(2)
150
(1)
150
(1)
470 (1)
10 11
1
12 13 14 15 16
2
3
4
5
6
7
8
9
63
64
61
62
40 39 38 37 36 35 34 33
48
41
42
43
44
45
46
47
60
59
58
57
56
55
54
53
52
51
50
49
21
30
31
32
22
23
24
25
26
27
28
29
17
18
19
20
CLKPOL
R0
R1
VEET
VccT
VEEG
VccG
R2
R3
R4
R5
VEEG
VCCG
R6
R7
VEET
CNTL
DE
SFTCLK
VEET
VccT
VEEG
VccG
HSYNC
VSYNC
B7
B6
VEEG
VccG
B5
B4
VccT
Vcc
7
6
Vcc
0.1µ (2)
5
4
3
2
1
0
MSB
LSB
BLUE DATA
7
6
E
0.1µ
(2)
Vcc
0.1µ
(2)
47p
(2)
E
0.1µ
(2)
1.3k
(1)
330
Vcc
SW1
330
H: FALLING EDGE TRIGGER
L: RISING EDGE TRIGGER
5
4
3
2
1
0
MSB
LSB
RED DATA
7
6
Vcc
0.1µ (2)
Fig. 10. Recommended application circuit
Application Cicuit
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.


Numéro de pièce similaire - CXB1454R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXB1451Q SONY-CXB1451Q Datasheet
278Kb / 13P
   VGA/SVGA/XGA digital data serial transmitter
CXB1452Q SONY-CXB1452Q Datasheet
273Kb / 13P
   VGA/SVGA/XGA digital data serial receiver
CXB1455R SONY-CXB1455R Datasheet
234Kb / 15P
   VGA/SVGA/XGA 24-bit Transmitter
CXB1456R SONY-CXB1456R Datasheet
206Kb / 17P
   VGA/SVGA/XGA 24-bit Receiver
More results

Description similaire - CXB1454R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXB1456R SONY-CXB1456R Datasheet
206Kb / 17P
   VGA/SVGA/XGA 24-bit Receiver
CXB1452Q SONY-CXB1452Q Datasheet
273Kb / 13P
   VGA/SVGA/XGA digital data serial receiver
CXB1455R SONY-CXB1455R Datasheet
234Kb / 15P
   VGA/SVGA/XGA 24-bit Transmitter
CXB1451Q SONY-CXB1451Q Datasheet
278Kb / 13P
   VGA/SVGA/XGA digital data serial transmitter
logo
Advantech Co., Ltd.
IDS-3212 ADVANTECH-IDS-3212_14 Datasheet
1Mb / 2P
   12" SVGA / XGA Industrial Panel Mount Monitor
IDS-3112 ADVANTECH-IDS-3112 Datasheet
314Kb / 2P
   12" SVGA / XGA Industrial Open Frame Monitor
IDS-3112 ADVANTECH-IDS-3112_16 Datasheet
406Kb / 2P
   12' SVGA / XGA Industrial Open Frame Monitor
IDS-3212 ADVANTECH-IDS-3212 Datasheet
512Kb / 2P
   12' SVGA / XGA Industrial Panel Mount Monitor
IDS-3112 ADVANTECH-IDS-3112_14 Datasheet
1Mb / 2P
   12" SVGA / XGA Industrial Open Frame Monitor
logo
THine Electronics, Inc.
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com