Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74AC138P Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC74AC138P
Description  3-to-8 Line Decoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC138P Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC74AC138P_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC138P_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC138P_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC138P_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC138P_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC138P_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC138P_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC138P_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC138P_12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74AC138P/F/FT
2012-02-29
5
AC Characteristics (CL = 50 pF, RL = 500 Ω, input: tr = tf = 3 ns)
Ta = 25°C
Ta = −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Propagation delay
time
(A, B, C- Y)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
8.5
6.4
14.2
9.2
1.0
1.0
16.3
10.5
ns
Propagation delay
time
(G1- Y)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
7.5
6.1
12.8
8.9
1.0
1.0
14.7
10.2
ns
Propagation delay
time
( 2
G- Y)
tpLH
tpHL
3.3 ± 0.3
5.0 ± 0.5
8.8
7.2
15.0
10.5
1.0
1.0
17.3
12.0
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
143
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC


Numéro de pièce similaire - TC74AC138P_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74AC138P TOSHIBA-TC74AC138P_07 Datasheet
277Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
More results

Description similaire - TC74AC138P_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
   3-to-8 Line Decoder
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
   3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
   3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
   3-to-8 Line Decoder
logo
Toshiba Semiconductor
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
   3-to-8 Line Decoder
2016-08-18
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A Datasheet
155Kb / 6P
   3-to-8 Line Decoder
1997 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com