Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3503R Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXA3503R
Description  Driver/Timing Generator for Color LCD Panels
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3503R Fiches technique(HTML) 5 Page - Sony Corporation

  CXA3503R Datasheet HTML 1Page - Sony Corporation CXA3503R Datasheet HTML 2Page - Sony Corporation CXA3503R Datasheet HTML 3Page - Sony Corporation CXA3503R Datasheet HTML 4Page - Sony Corporation CXA3503R Datasheet HTML 5Page - Sony Corporation CXA3503R Datasheet HTML 6Page - Sony Corporation CXA3503R Datasheet HTML 7Page - Sony Corporation CXA3503R Datasheet HTML 8Page - Sony Corporation CXA3503R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
– 5 –
CXA3503R
Analog Block Pin Description
Pin
No.
2
FIL OUT
Amplifies and outputs the sync
portion of the video signal input
to FIL IN (Pin 69).
Sync separation circuit input.
Inputs the FIL OUT (Pin 2)
output signal via a capacitor.
Sync separation output.
Positive polarity output in open
collector format.
DA output.
Outputs the serial data
converted to DC voltage. The
current driving capacity is
±1.0mA (max.).
2.15V
1.1V
SYNC IN
SYNC OUT
DA OUT
3
4
6
Symbol
Pin
voltage
Equivalent circuit
Description
VCC1
23k
200
GND1
2
VCC1
200
GND1
3
VCC1
GND1
4
VCC1
50
50
GND1
6
8
F ADJ
Connect a resistor between this
pin and GND1 to control the
internal LPF and trap
frequencies.
Connect a 33k
Ω resistor
(tolerance ±2%, temperature
characteristics ±200ppm or less).
This pin is easily affected by
external noise, so make the
connection between the pin and
external resistor, and between
the GND side of the external
resistor and the GND1 pin as
close as possible.
1.1V
VCC1
GND1
10
6.5k
8


Numéro de pièce similaire - CXA3503R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
More results

Description similaire - CXA3503R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com