Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3304N Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXA3304N
Description  IF IC for ETC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3304N Fiches technique(HTML) 5 Page - Sony Corporation

  CXA3304N Datasheet HTML 1Page - Sony Corporation CXA3304N Datasheet HTML 2Page - Sony Corporation CXA3304N Datasheet HTML 3Page - Sony Corporation CXA3304N Datasheet HTML 4Page - Sony Corporation CXA3304N Datasheet HTML 5Page - Sony Corporation CXA3304N Datasheet HTML 6Page - Sony Corporation CXA3304N Datasheet HTML 7Page - Sony Corporation CXA3304N Datasheet HTML 8Page - Sony Corporation CXA3304N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
—5—
CXA3304N
Item
Current consumption
Current consumption
Logic input voltage
high level
Logic input voltage
low level
IF limiter
input resistance
Comparator 1
output saturation voltage
Comparator 1
output leak current
Comparator 1
output current
Comparator 2
output saturation voltage
Comparator 2
output leak current
Comparator 2
output current
RSSI output voltage 1
RSSI output voltage 2
RSSI output voltage 3
RSSI
buffer output current +
RSSI
buffer output current –
Peak hold
leak current
Peak hold
charge current
Peak hold
discharge current
Pin 11 input current
Pin 13 input current
Pin 14 input current
Symbol
ICC
ICCS
Vth
Vtl
Rif
Vst1
Icl1
Io1
Vst2
Icl2
Io2
Vr1
Vr2
Vr3
Irs +
Irs –
Ipl
Ipc
Ipd
I11
I13
I14
Condition
Vin=0 V, Pin 9 current
V14=0 V, Pin 9 current
DC voltage
I5=640 µA, V3=0.16 V, V4=0.2 V
V5=3 V, V3=0.24 V, V4=0.2 V
V5=0.4 V, V3=0.16 V, V4=0.2 V
I10=300 µA, V11=0.2 V, V7=0.24 V
V10=3 V, V11=0.2 V, V7=0.16 V
V10=0.4 V, V11=0.2 V, V7=0.24 V
Vin=–67 dBm, 40 MHz
Vin=–47 dBm, 40 MHz
Vin=–17 dBm, 40 MHz
V1=1.4 V, V2=0.2 V
V1=0 V, V2=1.4 V
V13=0 V, V1=0.2 V, V7=1.4 V
Pin 7 current
V13=0 V, V7=0.2 V, V1=1.4 V
Pin 7 current
V7=1.4 V
Pin 7 current
V11=0, V7=1.4 V
V14= 1 V
Min.
Typ.
Max.
Unit
5.5
7.8
10
mA
33
100
µA
1—
VCC
V
0
0.35
V
1.2
1.5
1.8
k
0.15
0.4
V
—0
5
µA
640
µA
0.1
0.4
V
—0
5
µA
300
µA
0.2
0.35
0.5
V
0.61
0.81
1.01
V
1.1
1.35
1.655
V
100
µA
100
130
µA
0.05
5
µA
100
220
µA
100
180
µA
0.5
50
µA
—17
50
µA
—11
50
µA
Electrical Characteristics
(VCC=3 V, Ta=25 °C)
Unless otherwise specified, V14=3 V, V13=3 V and V11=3 V.
Pin condition Example) V13 : Pin 13 voltage, I5 : Pin 5 current
The external constant is the value shown in the Application Circuit.


Numéro de pièce similaire - CXA3304N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3314ER SONY-CXA3314ER Datasheet
170Kb / 16P
   6GHz PLL
CXA3328EN SONY-CXA3328EN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
CXA3328TN SONY-CXA3328TN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
CXA3329ER SONY-CXA3329ER Datasheet
126Kb / 14P
   Analog Signal Processor TX-IF IC for W-CDMA Cellular Phones
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
   GPS Down Converter IC
More results

Description similaire - CXA3304N

FabricantNo de pièceFiches techniqueDescription
logo
TOKO, Inc
TK14552V TOKO-TK14552V Datasheet
263Kb / 2P
   Wide band AM / ASK IF IC for ETC
logo
New Japan Radio
NJM2294 NJRC-NJM2294 Datasheet
313Kb / 10P
   FM IF IC FOR PAGER
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
ELM Electronics
ELM14570GA ELM-ELM14570GA Datasheet
711Kb / 4P
   IF IC for communication equipments
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
NJM2294 NJRC-NJM2294_1 Datasheet
193Kb / 9P
   FM IF IC FOR PAGER
logo
ELM Technology Corporat...
ELM14570GA ELM-TECH-ELM14570GA Datasheet
711Kb / 4P
   IF IC for communication equipments
logo
TOKO, Inc
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
   FM IF IC
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
logo
Toshiba Semiconductor
TA31136F TOSHIBA-TA31136F Datasheet
712Kb / 16P
   FM IF DETECTOR IC FOR CORDLESS TELEPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com