Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7W66F Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC7W66F
Description  Dual Bilateral Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7W66F Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC7W66F_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7W66F_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7W66F_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7W66F_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7W66F_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7W66F_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7W66F_09 Datasheet HTML 7Page - Toshiba Semiconductor TC7W66F_09 Datasheet HTML 8Page - Toshiba Semiconductor TC7W66F_09 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC7W66F/FU/FK
2009-09-30
5
Switching Characteristics Test Circuits
1. tpLZ, tpHZ, tpZL, tpZH
2. Cross Talk (control input-switch output)
fin = 1 MHz, duty = 50%, tr = tf = 6 ns
3. Feed Through Attenuation
0.1
μF
C
GND
O/I
VCC
I/O
VCC
VIN
from
P.G.
C
GND
O/I
VCC
I/O
S1
S2
1 k
Ω
VCC
50%
tpZH
tpHZ
90%
tpZL
50%
10%
tpLZ
50%
6 ns
6 ns
10%
10%
VCC
GND
VOH
VOL
90%
90%
50%
VOH
VOL
VC
VO/I
S1 = VCC
S2 = GND
VO/I
S1 = GND
S2 = VCC
from
P.G.
C
GND
O/I
VCC
I/O
600
Ω
VCC
VCC
GND


Numéro de pièce similaire - TC7W66F_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7W66F TOSHIBA-TC7W66F_01 Datasheet
328Kb / 11P
   DUAL BILATERAL SWITCH
More results

Description similaire - TC7W66F_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4W66F TOSHIBA-TC4W66F_07 Datasheet
415Kb / 8P
   Dual Bilateral Switch
logo
STMicroelectronics
74V2T66 STMICROELECTRONICS-74V2T66_07 Datasheet
442Kb / 14P
   Dual bilateral switch
74V2G66 STMICROELECTRONICS-74V2G66 Datasheet
62Kb / 8P
   DUAL BILATERAL SWITCH
logo
Toshiba Semiconductor
TC4W66F TOSHIBA-TC4W66F Datasheet
273Kb / 7P
   DUAL BILATERAL SWITCH
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66_03 Datasheet
166Kb / 9P
   DUAL BILATERAL SWITCH
logo
Toshiba Semiconductor
TC4W66FU TOSHIBA-TC4W66FU_08 Datasheet
278Kb / 8P
   Dual Bilateral Switch
TC7W66F TOSHIBA-TC7W66F Datasheet
298Kb / 10P
   DUAL BILATERAL SWITCH
logo
STMicroelectronics
74V2T66 STMICROELECTRONICS-74V2T66 Datasheet
161Kb / 9P
   DUAL BILATERAL SWITCH
June 2003
logo
Toshiba Semiconductor
TC7W66F TOSHIBA-TC7W66F_01 Datasheet
328Kb / 11P
   DUAL BILATERAL SWITCH
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com