Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7S04F Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC7S04F
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7S04F Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC7S04F_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7S04F_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7S04F_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7S04F_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7S04F_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7S04F_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7S04F_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7S04F/FU
2009-09-30
4
AC Electrical Characteristics (CL = 50 pF, input tr = tf = 6 ns)
Ta
= 25°C
Ta
= −40
to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
50
125
155
4.5
14
25
31
Output transition time
tTLH
tTHL
6.0
12
21
26
ns
2.0
48
100
125
4.5
12
20
25
Propagation delay time
tpLH
tpHL
6.0
9
17
21
ns
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
10
pF
Note: CPD defined as the value of internal equivalent capacitance of IC which is calculated from the operating current
consumption without load (refer to test circuit).
Average operating current can be obtained by the equation hereunder.
ICC (opr) = CPD • VCC • fIN + ICC
Switching Characteristics Test Circuit
ICC (opr) Test Circuit
P.G.
VOUT
CL
VCC
VIN
VCC
VOUT
6 ns
6 ns
90%
50%
10%
tpHL
tTHL
tTLH
10%
50%
90%
tpLH
GND
VOH
VOL
VIN
90%
50%
10%
90%
50%
10%
P.G.
VCC = 5 V
A
Input waveform is the same as that in
case of switching characteristics test.


Numéro de pièce similaire - TC7S04F_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
More results

Description similaire - TC7S04F_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com