Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3176N Fiches technique(PDF) 8 Page - Sony Corporation

No de pièce CXA3176N
Description  IF Amplifier for FM Receiver (AFC Supported)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3176N Fiches technique(HTML) 8 Page - Sony Corporation

Back Button CXA3176N Datasheet HTML 4Page - Sony Corporation CXA3176N Datasheet HTML 5Page - Sony Corporation CXA3176N Datasheet HTML 6Page - Sony Corporation CXA3176N Datasheet HTML 7Page - Sony Corporation CXA3176N Datasheet HTML 8Page - Sony Corporation CXA3176N Datasheet HTML 9Page - Sony Corporation CXA3176N Datasheet HTML 10Page - Sony Corporation CXA3176N Datasheet HTML 11Page - Sony Corporation CXA3176N Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
—8—
CXA3176N
Application Notes
1) Power Supply
The CXA3176N, with built-in regulator, is designed to permit stable operation at a wide range of supply
voltage of VCC1=1.1 to 4.0 V and VCC2=2.5 to 4.0 V. Decouple the wiring to VCC (Pins 4 and 19) as close
to the pin as possible.
2) Oscillator Input
Oscillator input method
a) Using Pins 1 and 2, input a self-excited oscillation signal through the composition of a Colpitts type
crystal oscillator circuit.
b) Directly input a local oscillation signal to Pin 1.
3) Mixer
The mixer is of double-balance type. Pin 24 is the input pin. Input though a suitable matching circuit. The
input impedance is 2.0 k
Ω.
Pin 3 serves as the output pin for the mixer, and a load resistance of 1.5 k
Ω is incorporated.
4) IF Filter
The filter to be connected between this mixer output and the IF limiter amplifier input should have the
following specifications.
I/O impedance
: 1.5 k
Ω ±10 %
Band width
: Changes according to applications.
5) IF Limiter Amplifier
The gain of this IF limiter amplifier is approximately 100 dB. Take notice of the following points in making
connection to the IF limiter amplifier input pin (Pin 5).
a) Wiring to the IF limiter amplifier input (Pin 5) should be as short as possible.
b) As the IF limiter amplifier output appears at QUAD (Pin 8), wiring to the ceramic discriminator
connected to QUAD should be as short as possible to reduce the interference with the mixer output and
IF limiter amplifier input.
1
2
3
VCC
Ceramic
filter
1
2
3
From
local signal
Ceramic
filter
Fig. 1
VCC
3
4
5
6
7
8
9
Wire as short and apart as possible
As short as possible
Fig. 2


Numéro de pièce similaire - CXA3176N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3176N SONY-CXA3176N Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
More results

Description similaire - CXA3176N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
logo
Toshiba Semiconductor
1SV160 TOSHIBA-1SV160 Datasheet
104Kb / 2P
   VARIABLE CAPACITANCE DIODE (AFC APLICATION FOR FM RECEIVER)
logo
Samsung semiconductor
KA8513B SAMSUNG-KA8513B Datasheet
53Kb / 6P
   FM IF RECEIVER
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
   FM IF RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
   FM IF RECEIVER
S1T8515A SAMSUNG-S1T8515A Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8515 SAMSUNG-KA8515 Datasheet
146Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
DS_S1T8515A01 SAMSUNG-DS_S1T8515A01 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8516 SAMSUNG-KA8516 Datasheet
150Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com