Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3135AN Fiches technique(PDF) 10 Page - Sony Corporation

No de pièce CXA3135AN
Description  All Band TV Tuner IC with On-chip PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3135AN Fiches technique(HTML) 10 Page - Sony Corporation

Back Button CXA3135AN Datasheet HTML 6Page - Sony Corporation CXA3135AN Datasheet HTML 7Page - Sony Corporation CXA3135AN Datasheet HTML 8Page - Sony Corporation CXA3135AN Datasheet HTML 9Page - Sony Corporation CXA3135AN Datasheet HTML 10Page - Sony Corporation CXA3135AN Datasheet HTML 11Page - Sony Corporation CXA3135AN Datasheet HTML 12Page - Sony Corporation CXA3135AN Datasheet HTML 13Page - Sony Corporation CXA3135AN Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
—10—
CXA3135AN
Description of Analog Block Operation
(See the Electrical Characteristics Measurement Circuit.)
VHF oscillator circuit
• This circuit is a differential amplifier type oscillator circuit.
Pin 18 is the output and Pin 16 is the input.
Oscillation is performed by connecting an LC resonance circuit including a varicap to Pin 18 via coupled
capacitance, inputting to Pin 16 with feedback capacitance, and applying positive feedback.
• Pin 18 is an open collector, so power must be supplied via the resonance circuit inductance or by the
resistance or microinductor. The electric potential of Pin 18 at this time must be DC 3.5 V or more.
• The amplifier between Pins 16 and 18 has an extremely high gain. Therefore, care should be taken to
avoid creating parasitic capacitance, resistance or other feedback loops as this may produce abnormal
oscillation.
VHF mixer circuit
• The mixer circuit employs a double balance mixer with little local oscillation signal leakage.
The input format is base input type, with Pin 12 grounded and the RF signal input to Pin 13.
• The RF signal is inserted from the oscillator, converted to IF frequency and output from Pins 9 and 10.
• Pins 9 and 10 are open collectors, so power must be supplied externally. The electric potential of Pins 9
and 10 at this time must be DC 4.0 V or more.
UHF oscillator circuit
• This oscillator circuit is designed so that two collector ground type Colpitts oscillators perform differential
oscillation operation via an LC resonance circuit including a varicap. An LC resonance circuit including a
varicap is connected between Pins 19 and 21.
• This circuit contains resonance capacitance comprising Colpitts oscillators, so the LC resonance circuit
connected to Pins 19 and 21 oscillates at the frequency indicating the inductance characteristics.
UHF mixer circuit
• This circuit employs a double balance mixer like the VHF mixer circuit.
The input format is base input type, with Pins 14 and 15 as the RF input pins. The input method can be
selected from balanced input consisting of differential input to Pins 14 and 15 or unbalanced input
consisting of grounding Pin 14 via a capacitor and input to Pin 15.
• Pins 9 and 10 are the mixer outputs.
• Pins 9 and 10 are open collectors, so power must be supplied externally. The electric potential of Pins 9
and 10 at this time must be DC 4.0 V or more.
IF amplifier circuit
• The signals frequency converted by the mixer are output from Pins 9 and 10, and at the same time are
AC coupled inside the IC and input to the IF amplifier.
• Single-tuned filters are connected to Pins 9 and 10 in order to improve the interference characteristics of
the IF amplifier.
• The signal amplified by the IF amplifier is output from Pin 25.
The output impedance is approximately 75
Ω.


Numéro de pièce similaire - CXA3135AN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
   L-band Down Converter IC with On-Chip PLL
logo
List of Unclassifed Man...
CXA3108Q ETC2-CXA3108Q Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results

Description similaire - CXA3135AN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com