Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3117 Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXA3117
Description  IF Amplifier for M-ary FSK Pagers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3117 Fiches technique(HTML) 5 Page - Sony Corporation

  CXA3117 Datasheet HTML 1Page - Sony Corporation CXA3117 Datasheet HTML 2Page - Sony Corporation CXA3117 Datasheet HTML 3Page - Sony Corporation CXA3117 Datasheet HTML 4Page - Sony Corporation CXA3117 Datasheet HTML 5Page - Sony Corporation CXA3117 Datasheet HTML 6Page - Sony Corporation CXA3117 Datasheet HTML 7Page - Sony Corporation CXA3117 Datasheet HTML 8Page - Sony Corporation CXA3117 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
– 5 –
CXA3117N
Pin
No.
24
1.4V
MIX IN
Mixer input.
Symbol
Pin
voltage
Equivalent circuit
Description
GND
VCC
4.16k
2k
4.16k
24
Electrical Characteristics
(VCC = 1.4V, Ta = 25°C, Fs = 21.7MHz, FMOD = 1.6kHz, FDEV = 4.8kHz, AMMOD = 30%)
Item
Current consumption
Current consumption
AM rejection ratio
NRZ output saturation voltage
NRZ output leak current
NRZ hysteresis width
VB output current
VB output saturation voltage
REG OUT voltage
LVA operating voltage
LVA output leak current
LVA output saturation voltage
Detector output voltage
Logic input voltage high level
Logic input voltage low level
Limiting sensitivity
Detector output level ratio
deviation to level comparator
window width
Level comparator output
saturation voltage
Level comparator output leak
current
RSSI output offset
Mixer input resistance
Mixer output resistance
IF limiter input resistance
ICC
ICCS
AMRR
VSATNRZ
ILNRZ
VTWNRZ
IOUT
VSATVB
VREG
VLVA
ILLVA
VSATLVA
VODET
VTHBSV
VTLBSV
VIN (LIM)
VLCWR
VSATLC
ILLC
VORSSI
RINLIM
ROUTMIX
RINLIM
Measurement circuit 1, V2 = 1.0V
Measurement circuit 1, V2 = 0V
Measurement circuit 2, 30k LPF
Measurement circuit 4, Vin = 0.3V
Measurement circuit 3, Vin = 0.1V
Measurement circuit 3,
Vin = 0.1 to 0.3V
Measurement circuit 5
Measurement circuit 5
Output current 0µA
Measurement circuit 6,
V1 = 1.4 to 1.0V
Measurement circuit 6, V1 = 1.0V
Measurement circuit 7
Measurement circuit 2
Measurement circuit 2,
Data filter fc = 2.4kHz
When Pin 6 is shorted to Vcc
Measurement circuit 9
Measurement circuit 8
Measurement circuit 10
0.7
25
0
100
0.92
1.00
50
0.9
–15
1.6
1.2
1.2
1.1
6
10
0.97
1.05
63
–108
0
150
2.0
1.5
1.5
1.35
20
0.4
5.0
20
0.4
1.02
1.10
5.0
0.4
80
0.35
+15
0.4
5.0
300
2.4
1.8
1.8
mA
µA
dB
V
µA
mV
µA
V
V
V
µA
V
mVrms
V
V
dBm
%
V
µA
mV
k
k
k
Symbol
Conditions
Min.
Typ.
Max.
Unit


Numéro de pièce similaire - CXA3117

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3117 SONY-CXA3117 Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3117 SONY-CXA3117 Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
logo
Murata Manufacturing Co...
CXA3117 MURATA1-CXA3117 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
logo
Sony Corporation
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
More results

Description similaire - CXA3117

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
   IF Amplifier for M-ary FSK Pagers
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
   M-ary FSK Demodulating Comparator
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com