Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3031Q Fiches technique(PDF) 7 Page - Sony Corporation

No de pièce CXA3031Q
Description  Read/Write Amplifier (with Built-in Filters) for FDDs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3031Q Fiches technique(HTML) 7 Page - Sony Corporation

Back Button CXA3031Q Datasheet HTML 3Page - Sony Corporation CXA3031Q Datasheet HTML 4Page - Sony Corporation CXA3031Q Datasheet HTML 5Page - Sony Corporation CXA3031Q Datasheet HTML 6Page - Sony Corporation CXA3031Q Datasheet HTML 7Page - Sony Corporation CXA3031Q Datasheet HTML 8Page - Sony Corporation CXA3031Q Datasheet HTML 9Page - Sony Corporation CXA3031Q Datasheet HTML 10Page - Sony Corporation CXA3031Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
– 7 –
CXA3031Q
Electrical Characteristics
Current Consumption
(Ta = 25°C, VCC = 5V)
Item
Symbol
Conditions
Min.
Typ. Max.
Unit
Current consumption
in read mode
Current consumption
in write/erase mode
Current consumption
in power saving mode
ICCR
ICCWE
ICCPS
XWG = High
XWG = Low,
XEG = Low
XPS = Low
16
7
26
13
0.95
36
19
1.9
mA
mA
mA
Power Supply Monitoring System
(Ta = 25°C)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power supply on/off
detector threshold
voltage
Power on output
saturation voltage
VTH
VSP
VCC = 3.5V
I = 1mA
3.5
3.9
4.3
0.5
V
V
Read System
(Ta = 25°C, VCC = 5V)
Item
Symbol
Conditions
Measure-
ment circuit
Measure-
ment Point
Min.
Typ. Max.
Unit
Preamplifier voltage gain
Low gain/outer track
Preamplifier voltage gain
Low gain/inner track
Preamplifier voltage gain
High gain/outer track
Preamplifier voltage gain
High gain/inner track
Preamplifier
frequency response
Preamplifier input
conversion noise
voltage
Preamplifier
differential output
offset voltage
Filter differential
output offset voltage
Filter differential
output voltage
amplitude
GVLO
GVLI
GVHO
GVHI
BW
EN
VOFSP
VOFSF
VOF
f = 100kHz
OTF = High, XHG = High
f = 100kHz
OTF = Low, XHG = High
f = 100kHz
OTF = High, XHG = Low
f = 100kHz
OTF = Low, XHG = Low
GV/GV (100kHz) = –3dB
Band Width
= 400Hz to 1MHz, VI = 0
VI = 0
VI = 0
1
1
1
1
1
1
1
1
1
D, E
D, E
D, E
D, E
D, E
D, E
D, E
B, C
B, C
37.1
40.1
43.1
46.1
5
–500
–100
2.8
39.0
42.0
45.0
48.0
2.0
40.6
43.6
46.6
49.6
2.9
+500
+100
dB
dB
dB
dB
MHz
nV/
√ Hz
mV
mV
Vp-p
Measure-
ment circuit
Measure-
ment Point
Measure-
ment circuit
Measure-
ment Point


Numéro de pièce similaire - CXA3031Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3038N SONY-CXA3038N Datasheet
226Kb / 16P
   IQ Detection IC for Digital Satellite Broadcast Tuner
logo
List of Unclassifed Man...
CXA3038N ETC2-CXA3038N Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results

Description similaire - CXA3031Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com