Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3026Q Fiches technique(PDF) 7 Page - Sony Corporation

No de pièce CXA3026Q
Description  8-bit 120MSPS Flash A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3026Q Fiches technique(HTML) 7 Page - Sony Corporation

Back Button CXA3026Q Datasheet HTML 3Page - Sony Corporation CXA3026Q Datasheet HTML 4Page - Sony Corporation CXA3026Q Datasheet HTML 5Page - Sony Corporation CXA3026Q Datasheet HTML 6Page - Sony Corporation CXA3026Q Datasheet HTML 7Page - Sony Corporation CXA3026Q Datasheet HTML 8Page - Sony Corporation CXA3026Q Datasheet HTML 9Page - Sony Corporation CXA3026Q Datasheet HTML 10Page - Sony Corporation CXA3026Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
– 7 –
CXA3026Q
Resolution
DC characteristics
Integral linearity error
Differential linearity error
Analog input
Analog input capacitance
Analog input resistance
Analog input current
Reference input
Reference resistance
Reference current
Offset voltage VRT side
VRB side
Digital input (ECL, PECL)
Digital input voltage: High
: Low
Threshold voltage
Digital input current : High
: Low
Digital input capacitance
Digital input (TTL)
Digital input voltage: High
: Low
Threshold voltage
Digital input current : High
: Low
Digital input capacitance
Digital output (TTL)
Digital output voltage : High
: Low
Switching characteristics
Maximum conversion rate
Aperture jitter
Sampling delay
Clock high pulse width
Clock low pulse width
RESETN_CLK setup
RESETN_CLK hold time
CLKOUT output delay
Data output delay
Output rise time
Output fall time
Electrical Characteristics
(DVCC1, 2, AVCC, DGND3 = +5V, DGND1, 2, AGND, DVEE3 = 0V, VRT = 4V, VRB = 2V, Ta = 25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
EIL
EDL
CIN
RIN
IIN
Rref∗3
Iref∗4
EOT
EOB
VIH
VIL
VTH
IIH
IIL
VIH
VIL
VTH
IIH
IIL
VOH
VOL
Fc
Taj
Tds
Tpw1
Tpw0
T_rs
T_rh
Td_clk
Tdo1
Tdo2
Tr
Tf
4
0
75
9.7
2
2
DGND3 – 1.05
DGND3 – 3.2
–50
–75
2.0
–50
–500
2.4
120
3
3.2
3.2
3.5
0
4.5
T∗5
6.5
8
21
115
17.4
DGND3 – 1.2
1.5
10
4.5
7
T + 1
8
2
2
±0.5
±0.5
50
500
155
28
15
10
DGND3 – 0.5
DGND3 – 1.4
+50
0
5
0.8
0
0
5
0.5
6
8
T + 2
10
bits
LSB
LSB
pF
k
µA
mA
mV
mV
V
V
V
µA
µA
pF
V
V
V
µA
µA
pF
V
V
MSPS
ps
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
VIN = 2Vp-p, Fc = 5MSPS
VIN = +3.0V + 0.07Vrms
VIH = DGND3 – 0.8V
VIL = DGND3 – 1.6V
VIH = 3.5V
VIL = 0.2V
IOH = –2mA
IOL = 1mA
DMUX mode
CLK
CLK
RESETN – CLK
RESETN – CLK
(CL = 5pF)
DMUX mode
(CL = 5pF)
(CL = 5pF)
0.8 to 2.0V
(CL = 5pF)
0.8 to 2.0V
(CL = 5pF)
∗ These characteristics are for PECL input,unless otherwise specified.


Numéro de pièce similaire - CXA3026Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3026 SONY-CXA3026 Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
More results

Description similaire - CXA3026Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
logo
Sony Corporation
CXA3256R SONY-CXA3256R Datasheet
331Kb / 23P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com