Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3026Q Fiches technique(PDF) 2 Page - Sony Corporation

No de pièce CXA3026Q
Description  8-bit 120MSPS Flash A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3026Q Fiches technique(HTML) 2 Page - Sony Corporation

  CXA3026Q Datasheet HTML 1Page - Sony Corporation CXA3026Q Datasheet HTML 2Page - Sony Corporation CXA3026Q Datasheet HTML 3Page - Sony Corporation CXA3026Q Datasheet HTML 4Page - Sony Corporation CXA3026Q Datasheet HTML 5Page - Sony Corporation CXA3026Q Datasheet HTML 6Page - Sony Corporation CXA3026Q Datasheet HTML 7Page - Sony Corporation CXA3026Q Datasheet HTML 8Page - Sony Corporation CXA3026Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
– 2 –
CXA3026Q
Absolute Maximum Ratings (Ta = 25°C)
Unit
• Supply voltage
AVCC, DVCC1, DVCC2
–0.5 to +7.0
V
DGND3
–0.5 to +7.0
V
DVEE3
–7.0 to +0.5
V
DGND3 – DVEE3
–0.5 to +7.0
V
• Analog input voltage
VIN
VRT – 2.7 to AVCC
V
• Reference input voltage
VRT
2.7 to AVCC
V
VRB
VIN – 2.7 to AVCC
V
|VRT – VRB|
2.5
V
• Digital input voltage
ECL (∗∗∗/E∗1)
DVEE3 to +0.5
V
PECL (∗∗∗/E)
–0.5 to DGND3
V
TTL (∗∗∗/T, INV)
–0.5 to DVCC1
V
other (SELECT)
–0.5 to DVCC1
V
VID∗2 (|∗∗∗/E – ∗∗∗N/E|)
2.7
V
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation PD
2
W
(when mounted on a glass fabric base epoxy board with 50mm x 50mm, 1.6mm thick)
Recommended Operating Conditions
With a single power supply With dual power supplies Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
• Supply voltage
DVCC1, DVCC2, AVCC
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
V
DGND1, DGND2, AGND –0.05
0
+0.05
–0.05
0
+0.05
V
DGND3
+4.75
+5.0
+5.25
–0.05
0
+0.05
V
DVEE3
–0.05
0
+0.05
–5.5
–5.0
–4.75
V
• Analog input voltage
VIN
VRB
VRT
VRB
VRT
V
• Reference input voltage VRT
+2.9
+4.1
+2.9
+4.1
V
VRB
+1.4
+2.6
+1.4
+2.6
V
|VRT – VRB|
1.5
2.1
1.5
2.1
V
• Digital input voltage
ECL (∗∗∗/E)
: VIH
DGND3 – 1.05
DGND3 – 0.5 V
: VIL
DGND3 – 3.2
DGND3 – 1.4 V
PECL (∗∗∗/E)
: VIH DGND3 – 1.05
DGND3 – 0.5
V
: VIL DGND3 – 3.2
DGND3 – 1.4
V
TTL (∗∗∗/T, INV) : VIH
2.0
2.0
V
: VIL
0.8
0.8
V
other (SELECT) : VIH
DVCC1
DVCC1
V
: VIL
DGND1
DGND1
V
VID∗2 (|∗∗∗/E – ∗∗∗N/E|)
0.4
0.8
0.4
0.8
V
• Maximum conversion rate Fc
(Straight mode)
100
100
MSPS
(DMUX mode)
120
120
MSPS
• Ambient temperature
Ta
–20
+75
–20
+75
°C
1 ∗∗∗/E and ∗∗∗/T indicate CLK/E and CLK/T, etc. for the pin name.
2 VID: Input Voltage Differential
ECL and PECL switching level
VID
VIL (min.)
VIH
VTH (DGND3 – 1.2V)
VIL
VIH (max.)
DGND3


Numéro de pièce similaire - CXA3026Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3026 SONY-CXA3026 Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
More results

Description similaire - CXA3026Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
logo
Sony Corporation
CXA3256R SONY-CXA3256R Datasheet
331Kb / 23P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com