Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3026AQ Fiches technique(PDF) 1 Page - Sony Corporation

No de pièce CXA3026AQ
Description  8-bit 140MSPS Flash A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3026AQ Fiches technique(HTML) 1 Page - Sony Corporation

  CXA3026AQ Datasheet HTML 1Page - Sony Corporation CXA3026AQ Datasheet HTML 2Page - Sony Corporation CXA3026AQ Datasheet HTML 3Page - Sony Corporation CXA3026AQ Datasheet HTML 4Page - Sony Corporation CXA3026AQ Datasheet HTML 5Page - Sony Corporation CXA3026AQ Datasheet HTML 6Page - Sony Corporation CXA3026AQ Datasheet HTML 7Page - Sony Corporation CXA3026AQ Datasheet HTML 8Page - Sony Corporation CXA3026AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
—1—
E96304C92
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Structure
Bipolar silicon monolithic IC
Applications
• Magnetic recording (PRML)
• Communications (QPSK, QAM)
• LCDs
• Digital oscilloscopes
Description
The CXA3026AQ is an 8-bit high-speed flash A/D
converter capable of digitizing analog signals at the
maximum rate of 140MSPS. ECL, PECL or TTL can
be selected as the digital input level in accordance
with the application. The TTL digital output level
allows 1: 2 demultiplexed output.
Features
• Differential linearity error: ±0.5LSB or less
• Integral linearity error: ±0.5LSB or less
• High-speed operation with a maximum
conversion rate of 140MSPS
• Low input capacitance: 21 pF
• Wide analog input bandwidth: 150 MHz
• Low power consumption: 790 mW
• Low error rate
• Excellent temperature characteristics
• 1: 2 demultiplexed output
• 1/2 frequency divided clock output
(with reset function)
• Compatible with ECL, PECL and TTL digital input
levels
• Single +5 V power supply operation available
• Surface mounting package
Pin Configuration (Top View)
8-bit 140MSPS Flash A/D Converter
48 pin QFP (Plastic)
CXA3026AQ
LEAD TREATMENT: PALLADIUM PLATING
CLK/E
N.C.
CLK/T
N.C.
N.C.
DVCC2
DGND2
P2D0
P2D1
P2D2
P2D3
CLKN/E
RESETN/E
SELECT
RESETN/T
INV
CLKOUT
DVCC2
DGND2
P1D7
P1D6
P1D5
P1D4
RESET/E
13
14
15
16
17
18
19
20
21
22
23
24
25 26 27 28 29 30
40
39
38
37
36
35
34
31 32 33
41
42
43
44
45
46
47
48
2
3
4
5
6
7
8
9
10
11
12
1


Numéro de pièce similaire - CXA3026AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3026 SONY-CXA3026 Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results

Description similaire - CXA3026AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com