Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2586 Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce CXA2586
Description  PDIC for CD-ROM/DVD-ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2586 Fiches technique(HTML) 4 Page - Sony Corporation

  CXA2586 Datasheet HTML 1Page - Sony Corporation CXA2586 Datasheet HTML 2Page - Sony Corporation CXA2586 Datasheet HTML 3Page - Sony Corporation CXA2586 Datasheet HTML 4Page - Sony Corporation CXA2586 Datasheet HTML 5Page - Sony Corporation CXA2586 Datasheet HTML 6Page - Sony Corporation CXA2586 Datasheet HTML 7Page - Sony Corporation CXA2586 Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
—4—
CXA2586M
Measurement Circuit
1
2
3
4
5
Fo
VCC
5.0V
VC
GND
Eo
Do
Ao
RF
Bo
Co
1
µF
2.5V
6
8
9
10
7
Reference Surface and Photodetector Position
6
10
5
1
The center of the package
FE
4.7
± 0.1
0.52
± 0.2
Note)
Reference surface
Surface that senses
the incident light
(Unit : mm)
∗ All loads are 10 kΩ//10 pF. For RF, the DC current is cut by 1 µF.
Deviation from the center of photodetector
X, Y : ± 0.2
θ :± 2 °
Note) The sink depth of the mirror surface
(0.03 ± 0.02) is not included.


Numéro de pièce similaire - CXA2586

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2586 SONY-CXA2586 Datasheet
41Kb / 2P
   Ultrahigh-Speed (100 MHz) Photodetector IC
More results

Description similaire - CXA2586

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BH3527FV ROHM-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
List of Unclassifed Man...
BH3527FV ETC2-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BD7956FS ROHM-BD7956FS Datasheet
246Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BD7904FS ROHM-BD7904FS Datasheet
202Kb / 18P
   5ch Power Driver for CD-ROM, DVD-ROM
BD7903FS ROHM-BD7903FS Datasheet
199Kb / 16P
   5CH Power Driver for CD-ROM, DVD-ROM
BD7902CFS ROHM-BD7902CFS Datasheet
200Kb / 18P
   6CH Power Driver for CD-ROM, DVD-ROM
logo
List of Unclassifed Man...
AMC5902 ETC1-AMC5902 Datasheet
272Kb / 14P
   6CH Motor Driver for CD-ROM, DVD-ROM
logo
Rohm
BD7996EFV ROHM-BD7996EFV Datasheet
171Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BD7998EFS ROHM-BD7998EFS Datasheet
171Kb / 5P
   6ch Power Driver for CD-ROM, DVD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com