Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2570N Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXA2570N
Description  RF Matrix Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2570N Fiches technique(HTML) 5 Page - Sony Corporation

  CXA2570N Datasheet HTML 1Page - Sony Corporation CXA2570N Datasheet HTML 2Page - Sony Corporation CXA2570N Datasheet HTML 3Page - Sony Corporation CXA2570N Datasheet HTML 4Page - Sony Corporation CXA2570N Datasheet HTML 5Page - Sony Corporation CXA2570N Datasheet HTML 6Page - Sony Corporation CXA2570N Datasheet HTML 7Page - Sony Corporation CXA2570N Datasheet HTML 8Page - Sony Corporation CXA2570N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
– 5 –
CXA2570N
Pin
No.
6
I
RF summing amplifier and
focus error amplifier input.
A
7
I
B
8
I
C
9
I
D
10
I
Tracking error amplifier input.
E
11
I
Tracking error amplifier output.
F
16
O
TE
CD-ROM/RW switching input.
RW when connected to VCC,
ROM when connected to
GND.
12
I
SW
RFAC amplifier output.
13
O
RFAC
Symbol
I/O
Equivalent circuit
Description
VC
47k
47k
15k
7
30k
100
µA
100
µA
100
µA
100
µA
6
8
9
27k
27k
124
10
11
16
200k
12
200k
200k
100
2mA
13
Focus error amplifier output.
Focus error amplifier gain
adjustment. The gain is
adjusted by the external
resistance value connected
between this pin and Pin 14.
14
15
O
FE
I
FEI
VC
50k
124
15
124
14


Numéro de pièce similaire - CXA2570N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2571N SONY-CXA2571N Datasheet
269Kb / 21P
   RF Matrix Amplifier
More results

Description similaire - CXA2570N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2571N SONY-CXA2571N Datasheet
269Kb / 21P
   RF Matrix Amplifier
logo
Mini-Circuits
RC-2MTS-18 MINI-RC-2MTS-18 Datasheet
993Kb / 8P
   RF Transfer Switch Matrix
RC-4SPDT-A26 MINI-RC-4SPDT-A26 Datasheet
4Mb / 11P
   RF SPDT Switch Matrix
RCM-3SP4T-18 MINI-RCM-3SP4T-18 Datasheet
557Kb / 7P
   RF SP4T Switch Matrix
REV. A
RC-2SPDT-A26 MINI-RC-2SPDT-A26 Datasheet
4Mb / 11P
   RF SPDT Switch Matrix
RC-2MTS-12N MINI-RC-2MTS-12N Datasheet
974Kb / 7P
   RF Transfer Switch Matrix
REV. A
RC-3MTS-18 MINI-RC-3MTS-18 Datasheet
1Mb / 11P
   RF Transfer Switch Matrix
RC-2SP4T-26 MINI-RC-2SP4T-26 Datasheet
584Kb / 7P
   RF SP4T Switch Matrix
RCM-6SPDT-18 MINI-RCM-6SPDT-18 Datasheet
649Kb / 7P
   RF SPDT Switch Matrix
REV. A
RC-1SP4T-40 MINI-RC-1SP4T-40 Datasheet
824Kb / 7P
   RF SP4T Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com