Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2561Q Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce CXA2561Q
Description  Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2561Q Fiches technique(HTML) 4 Page - Sony Corporation

  CXA2561Q Datasheet HTML 1Page - Sony Corporation CXA2561Q Datasheet HTML 2Page - Sony Corporation CXA2561Q Datasheet HTML 3Page - Sony Corporation CXA2561Q Datasheet HTML 4Page - Sony Corporation CXA2561Q Datasheet HTML 5Page - Sony Corporation CXA2561Q Datasheet HTML 6Page - Sony Corporation CXA2561Q Datasheet HTML 7Page - Sony Corporation CXA2561Q Datasheet HTML 8Page - Sony Corporation CXA2561Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
– 4 –
CXA2561Q
Pin
No.
Symbol
Typical pin voltage
I/O
I/O
resis-
tance
Equivalent circuit
Description
DC
AC
7
24
LINEOUT1
LINEOUT2
O
Line output.
4.0V
–6dBm
8
23
TCH1
TCH2
——
Time constant for
the HLS.
0.3V
9
22
TCL1
TCL2
——
Time constant for
the LLS.
0.3V
10
MSLPF
100k
Cut-off frequency
adjustment of the
music sensor LPF.
4.0V
7
24
GND
200
200
Vcc
22.5k
147
23
GND
36k
330k
Vcc
147
8
22
GND
13.5k
480k
Vcc
147
9
10
GND
147
Vcc
100k
64p
(Ta = 25°C, VCC = 8.0V, DVCC = 5.0V)


Numéro de pièce similaire - CXA2561Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2560 SONY-CXA2560 Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2566M SONY-CXA2566M Datasheet
153Kb / 12P
   Headphone Stereos
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
More results

Description similaire - CXA2561Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA1797Q SONY-CXA1797Q Datasheet
737Kb / 31P
   Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com